Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWAN1069 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWAN1069
Description  Gain Horns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1069 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWAN1069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
PEWAN1069 REV 1.0
WR-15 Waveguide Wide Angle Scalar Feed Horn Antenna Operating from 55 GHz
to 65 GHz with a Nominal 10 dBi Gain with UG-385/U Round Cover Fla
PEWAN1069
CAD Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com