Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWAN1069 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWAN1069
Description  Gain Horns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1069 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWAN1069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Features
• Rectangular Waveguide Interface
• 60 GHz center frequency
• 10 dBi Nominal Gain
• UG-385/U Round Cover Flange
Applications
• Antenna Measurements
• Wireless Communication
• Laboratory Use
• Microwave Radio Systems
.
Description
Waveguide wide angle scalar feed horn antennas are used in a wide variety of applications due to their high power handling
capability, low loss, high directivity, and near constant electrical performance across a broad bandwidth. Pasternack’s
PEWAN1069 WR-15 waveguide wide angle scalar feed horn antenna operating from 60 GHz center frequency with a nominal
10 dBi gain is part of our full line of RF components available for same-day shipping. This Pasternack circular horn antenna
has a gold plated brass body and a precision tolerance UG-385/U round cover flange. The PEWAN1069 WR-15 wide angle
scalar feed horn antenna offers low gain variation across its operating frequency range.
Configuration
Design
WR-15 Wide Angle Scalar Feed Horn
Pattern
Directional
Polarization
Linear
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
55
65
GHz
Nominal Gain
10
dBi
Horizontal Half Power Beam Width
56
Degrees
Vertical Half Power Beam Width
55
Degrees
VSWR
1.5:1
.
Mechanical Specifications
Size
Length
1.43 in [36.32 mm]
Width
0.75 in [19.05 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.059 lbs [26.76 g]
Waveguide Interface
Waveguide Size
WR-15
Flange Type
Round Cover
Flange Designation
UG-385/U
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 Waveguide Wide Angle Scalar Feed Horn Antenna Operating from 55 GHz to 65 GHz
with a Nominal 10 dBi Gain with UG-385/U Round Cover Fla PEWAN1069
PEWAN1069 REV 1.0
WR-15 Waveguide Wide Angle Scalar Feed Horn Antenna
Operating from 55 GHz to 65 GHz with a Nominal
10 dBi Gain with UG-385/U Round Cover Fla
Gain Horns Technical Data Sheet
PEWAN1069


Similar Part No. - PEWAN1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAN1060 PASTERNACK-PEWAN1060 Datasheet
555Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1061 PASTERNACK-PEWAN1061 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1062 PASTERNACK-PEWAN1062 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1063 PASTERNACK-PEWAN1063 Datasheet
553Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1064 PASTERNACK-PEWAN1064 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
More results

Similar Description - PEWAN1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9850-2F-10 PASTERNACK-PE9850-2F-10_17 Datasheet
478Kb / 3P
Gain Horns
PE9850-2F-20 PASTERNACK-PE9850-2F-20_17 Datasheet
469Kb / 3P
Gain Horns
PE9851-2F-10 PASTERNACK-PE9851-2F-10_17 Datasheet
482Kb / 3P
Gain Horns
PE9851-10 PASTERNACK-PE9851-10_18 Datasheet
573Kb / 3P
Gain Horns
PEWAN1065 PASTERNACK-PEWAN1065 Datasheet
565Kb / 4P
Gain Horns
PEWAN1066 PASTERNACK-PEWAN1066 Datasheet
564Kb / 4P
Gain Horns
PEWAN1070 PASTERNACK-PEWAN1070 Datasheet
579Kb / 4P
Gain Horns
PEWAN1072 PASTERNACK-PEWAN1072 Datasheet
583Kb / 4P
Gain Horns
PEWAN1076 PASTERNACK-PEWAN1076 Datasheet
572Kb / 4P
Gain Horns
PEWAN1077 PASTERNACK-PEWAN1077 Datasheet
575Kb / 4P
Gain Horns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com