Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02HZG Datasheet(PDF) 2 Page - Rohm

Part # RTQ035P02HZG
Description  Pch -20V -3.5A Small Signal MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02HZG Datasheet(HTML) 2 Page - Rohm

  RTQ035P02HZG Datasheet HTML 1Page - Rohm RTQ035P02HZG Datasheet HTML 2Page - Rohm RTQ035P02HZG Datasheet HTML 3Page - Rohm RTQ035P02HZG Datasheet HTML 4Page - Rohm RTQ035P02HZG Datasheet HTML 5Page - Rohm RTQ035P02HZG Datasheet HTML 6Page - Rohm RTQ035P02HZG Datasheet HTML 7Page - Rohm RTQ035P02HZG Datasheet HTML 8Page - Rohm RTQ035P02HZG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RTQ035P02HZG
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*2
-
-
100
℃/W
RthJA*3
-
-
132
℃/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = -1mA
-20
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  ID = -1mA
-
-18.7
-
mV/℃
   ΔTj     referenced to 25℃
Zero gate voltage
drain current
IDSS
VDS = -20V, VGS = 0V
-
-
-1
μA
Gate - Source leakage current
IGSS
VGS = ±12V, VDS = 0V
-
-
±10
μA
Gate threshold voltage
VGS(th)
VDS = -10V, ID = -1mA
-0.7
-
-2.0
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   ID = -1mA
-
2.3
-
mV/℃
   ΔTj     referenced to 25℃
Static drain - source
on - state resistance
RDS(on)*4
VGS = -4.5V, ID = -3.5A
-
50
65
mΩ
VGS = -4.0V, ID = -3.5A
-
55
70
VGS = -2.5V, ID = -1.75A
-
80
100
Gate resistance
RG
f = 1MHz, open drain
-
8.0
-
Ω
Forward Transfer
Admittance
|Yfs|*4
VDS = -10V, ID = -3.5A
3.5
-
-
S
*1 Pw ≤ 10μs, Duty cycle ≤ 1%
*2 Mounted on a ceramic board (30×30×0.8mm)
*3 Mounted on a FR4 (25×25×0.8mm)
*4 Pulsed
                                             
 
                                           
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
2/11
20180801 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com