Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02HZG Datasheet(PDF) 1 Page - Rohm

Part # RTQ035P02HZG
Description  Pch -20V -3.5A Small Signal MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02HZG Datasheet(HTML) 1 Page - Rohm

  RTQ035P02HZG Datasheet HTML 1Page - Rohm RTQ035P02HZG Datasheet HTML 2Page - Rohm RTQ035P02HZG Datasheet HTML 3Page - Rohm RTQ035P02HZG Datasheet HTML 4Page - Rohm RTQ035P02HZG Datasheet HTML 5Page - Rohm RTQ035P02HZG Datasheet HTML 6Page - Rohm RTQ035P02HZG Datasheet HTML 7Page - Rohm RTQ035P02HZG Datasheet HTML 8Page - Rohm RTQ035P02HZG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RTQ035P02HZG
  Pch -20V -3.5A Small Signal MOSFET
  
Datasheet
l
lOutline
VDSS
-20V
SOT-457T
 
RDS(on)(Max.)
65mΩ
SC-95
ID
±3.5A
TSMT6
PD
1.25W
 
           
l
lInner circuit
l
lFeatures
1) Low on - resistance
2) Built-in G-S protection diode
3) Small surface mount package(TSMT6)
4) Pb-free lead plating ; RoHS compliant
5) AEC-Q101 Qualified
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
180
l
lApplication
Tape width (mm)
8
Switching
Basic ordering unit (pcs)
3000
Taping code
TR
Marking
TL
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
-20
V
Continuous drain current
ID
±3.5
A
Pulsed drain current
IDP*1
±14
A
Gate - Source voltage
VGSS
±12
V
Power dissipation
PD*2
1.25
W
PD*3
0.95
W
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
                                                                                         
                                                                                         
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
1/11
20180801 - Rev.001
 
   
 


Similar Part No. - RTQ035P02HZG

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
DC-DC Converter (-20V, -3.5A)
RTQ035P02 ROHM-RTQ035P02 Datasheet
99Kb / 5P
DC-DC Converter (??0V, ??.5A)
logo
VBsemi Electronics Co.,...
RTQ035P02 VBSEMI-RTQ035P02 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Rohm
RTQ035P02FHA ROHM-RTQ035P02FHA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTQ035P02TR ROHM-RTQ035P02TR Datasheet
99Kb / 5P
DC-DC Converter (??0V, ??.5A)
More results

Similar Description - RTQ035P02HZG

ManufacturerPart #DatasheetDescription
logo
Rohm
RV1C001ZP ROHM-RV1C001ZP Datasheet
701Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RV3CA01ZP ROHM-RV3CA01ZP Datasheet
2Mb / 13P
Pch -20V -100mA Small Signal MOSFET
RE1C001ZP ROHM-RE1C001ZP Datasheet
2Mb / 13P
Pch -20V -100mA Small Signal MOSFET
RQ5E035AT ROHM-RQ5E035AT Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
Pch -20V -1.4A Small Signal MOSFET
RW1C025ZP ROHM-RW1C025ZP Datasheet
2Mb / 13P
Pch -20V -2.5A Small Signal MOSFET
RSQ035P03HZG ROHM-RSQ035P03HZG Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
Pch -20V -2A Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
-20V PchPch Small Signal MOSFET
20170706 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com