Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02HZG Datasheet(PDF) 3 Page - Rohm

Part # RTQ035P02HZG
Description  Pch -20V -3.5A Small Signal MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02HZG Datasheet(HTML) 3 Page - Rohm

  RTQ035P02HZG Datasheet HTML 1Page - Rohm RTQ035P02HZG Datasheet HTML 2Page - Rohm RTQ035P02HZG Datasheet HTML 3Page - Rohm RTQ035P02HZG Datasheet HTML 4Page - Rohm RTQ035P02HZG Datasheet HTML 5Page - Rohm RTQ035P02HZG Datasheet HTML 6Page - Rohm RTQ035P02HZG Datasheet HTML 7Page - Rohm RTQ035P02HZG Datasheet HTML 8Page - Rohm RTQ035P02HZG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RTQ035P02HZG
           
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
1200
-
pF
Output capacitance
Coss
VDS = -10V
-
200
-
Reverse transfer capacitance
Crss
f = 1MHz
-
130
-
Turn - on delay time
td(on)*4
VDD ⋍ -15V,VGS = -4.5V
-
16
-
ns
Rise time
tr*4
ID = -2.0A
-
40
-
Turn - off delay time
td(off)*4
RL ⋍ 7.5Ω
-
55
-
Fall time
tf*4
RG = 10Ω
-
30
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*4
VDD ⋍ -15V,
ID = -3.5A,
VGS = -4.5V
-
10.5
-
nC
Gate - Source charge
Qgs*4
-
2.0
-
Gate - Drain charge
Qgd*4
-
3.5
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25℃
-
-
-1.0
A
Pulse forward current
ISP*1
-
-
-4.0
A
Forward voltage
VSD*4
VGS = 0V, IS = -1.0A
-
-
-1.2
V
                                                                                           
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
3/11
20180801 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com