Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH300 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH300
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH300 Datasheet HTML 4Page - STMicroelectronics TSH300 Datasheet HTML 5Page - STMicroelectronics TSH300 Datasheet HTML 6Page - STMicroelectronics TSH300 Datasheet HTML 7Page - STMicroelectronics TSH300 Datasheet HTML 8Page - STMicroelectronics TSH300 Datasheet HTML 9Page - STMicroelectronics TSH300 Datasheet HTML 10Page - STMicroelectronics TSH300 Datasheet HTML 11Page - STMicroelectronics TSH300 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical Characteristics
TSH300
8/18
Figure 19. Gain flatness, G=+10.1, SOT23-5L
Figure 20. Gain flatness, G=+19.9, SOT23-5L
Figure 21. Input voltage noise
Figure 22. Input voltage noise (corner lot)
Figure 23. Input current noise
Figure 24. Input current noise (corner lot)
10k
100k
1M
10M
100M
19,6
19,8
20,0
20,2
20,4
Vcc=+5V
SOT23-5
Gain=+10.1 (Rfb=910
Ω/Rg=100Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
10k
100k
1M
10M
100M
25,4
25,6
25,8
26,0
26,2
Vcc=+5V
SOT23-5
Gain=+19.9 (Rfb=510
Ω/Rg=27Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
100
1k
10k
100k
1M
10M
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
Gain=26dB
Rg=27
Ω
Rfb=510
Ω
non-inverting input in short-circuit
Vcc=+5V
Frequency (Hz)
100
1k
10k
100k
1M
10M
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Max.
Typ.
Gain=26dB
Rg=27
Ω
Rfb=510
Ω
non-inverting input in short-circuit
Vcc=+5V
Frequency (Hz)
100
1k
10k
100k
1M
10M
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Gain=26dB
Rg=27
Ω
Rfb=510
Ω
1000
Ω to GND on non-inverting input
Vcc=+5V
Frequency (Hz)
100
1k
10k
100k
1M
10M
0
1
2
3
4
5
6
7
8
Max.
Typ.
Gain=26dB
Rg=27
Ω
Rfb=510
Ω
1000
Ω to GND on non-inverting input
Vcc=+5V
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com