Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH300 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH300
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH300 Datasheet HTML 9Page - STMicroelectronics TSH300 Datasheet HTML 10Page - STMicroelectronics TSH300 Datasheet HTML 11Page - STMicroelectronics TSH300 Datasheet HTML 12Page - STMicroelectronics TSH300 Datasheet HTML 13Page - STMicroelectronics TSH300 Datasheet HTML 14Page - STMicroelectronics TSH300 Datasheet HTML 15Page - STMicroelectronics TSH300 Datasheet HTML 16Page - STMicroelectronics TSH300 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Evaluation Boards
TSH300
13/18
4
Evaluation Boards
An evaluation board kit optimized for high-speed operational amplifiers is available (order code:
KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM
containing datasheets, articles, application notes and a user manual:
●
SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in
SOT23-5L package.
●
SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8
package.
●
SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package.
●
SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in
inverting and non-inverting configuration, dual and single supply.
●
SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package
with video application considerations.
Board material description:
●
2 layers
●
FR4 (
εr=4.6)
●
epoxy 1.6mm
●
copper thickness: 35µm
Figure 44. Evaluation kit for high-speed op-amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com