Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH300 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH300
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH300 Datasheet HTML 6Page - STMicroelectronics TSH300 Datasheet HTML 7Page - STMicroelectronics TSH300 Datasheet HTML 8Page - STMicroelectronics TSH300 Datasheet HTML 9Page - STMicroelectronics TSH300 Datasheet HTML 10Page - STMicroelectronics TSH300 Datasheet HTML 11Page - STMicroelectronics TSH300 Datasheet HTML 12Page - STMicroelectronics TSH300 Datasheet HTML 13Page - STMicroelectronics TSH300 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical Characteristics
TSH300
10/18
Figure 31. Vio vs. temperature
Figure 32. Ibias vs. temperature
Figure 33. Supply current vs. temperature
Figure 34. AVD vs. temperature
Figure 35. Output rails vs. temperature
Figure 36. Iout vs. temperature
-40
-20
0
20
40
60
80
100
120
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Vcc=+5V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-40
-30
-20
-10
0
10
20
30
40
Vcc=+5V
Ib(+)
Ib(-)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-30
-25
-20
-15
-10
-5
0
5
10
15
20
Vcc=+5V
no Load
In+/In- to GND
Icc(+)
Icc(-)
Temperature (°C)
-40
-20
0
204060
80
100
120
60
62
64
66
68
70
72
74
76
78
80
Vcc=+5V
Temperature (°C)
-40
-20
0
20
406080
-5
-4
-3
-2
-1
0
1
2
Vcc=+5V
Load=100
V
OL
V
OH
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
Vcc=+5V
Output: short-circuit
Isource
Isink
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com