Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH300ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH300ID Datasheet HTML 2Page - STMicroelectronics TSH300ID Datasheet HTML 3Page - STMicroelectronics TSH300ID Datasheet HTML 4Page - STMicroelectronics TSH300ID Datasheet HTML 5Page - STMicroelectronics TSH300ID Datasheet HTML 6Page - STMicroelectronics TSH300ID Datasheet HTML 7Page - STMicroelectronics TSH300ID Datasheet HTML 8Page - STMicroelectronics TSH300ID Datasheet HTML 9Page - STMicroelectronics TSH300ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical Characteristics
TSH300
6/18
Figure 7.
Frequency response
G=-10.2, SO8
Figure 8.
Frequency response
G=-19.9, SO8
Figure 9.
Frequency response
G=+5, SOT23-5L
Figure 10. Frequency response
G=+7.8, SOT23-5L
Figure 11. Frequency response
G=+10.1, SOT23-5L
Figure 12. Frequency response
G=+19.9, SOT23-5L
100k
1M
10M
100M
1G
5
10
15
20
25
30
Vcc=+5V
SO8
Gain= -10.2 (Rfb=510
Ω//1pF, Rg=43Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
100k
1M
10M
100M
1G
5
10
15
20
25
30
Vcc=+5V
SO8
Gain= -20 (Rfb=1k
Ω//1pF, Rg=47Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
100k
1M
10M
100M
1G
-5
0
5
10
15
20
Vcc=+5V
SOT23-5
Gain=+5 (Rfb=200
Ω/Rg=50Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
100k
1M
10M
100M
1G
-5
0
5
10
15
20
Vcc=+5V
SOT23-5
Gain=+7.8 (Rfb=680
Ω/Rg=100Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
100k
1M
10M
100M
1G
0
5
10
15
20
25
Vcc=+5V
SOT23-5
Gain=+10.1 (Rfb=910
Ω/Rg=100Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)
100k
1M
10M
100M
1G
5
10
15
20
25
30
Vcc=+5V
SOT23-5
Gain=+19.9 (Rfb=510
Ω/Rg=27Ω)
Vin=64mVp-p
Load=100
Ω
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com