Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH300ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 1 Page - STMicroelectronics

  TSH300ID Datasheet HTML 1Page - STMicroelectronics TSH300ID Datasheet HTML 2Page - STMicroelectronics TSH300ID Datasheet HTML 3Page - STMicroelectronics TSH300ID Datasheet HTML 4Page - STMicroelectronics TSH300ID Datasheet HTML 5Page - STMicroelectronics TSH300ID Datasheet HTML 6Page - STMicroelectronics TSH300ID Datasheet HTML 7Page - STMicroelectronics TSH300ID Datasheet HTML 8Page - STMicroelectronics TSH300ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 2
September 2005
1/18
18
TSH300
Ultra Low-Noise High-Speed Operational Amplifier
■ Structure: VFA
■ 200 MHz bandwidth
■ Input noise: 0.65 nV/
√Hz
■ Stable for gains > 5
■ Slew rate: 230 V/
µs
■ Specified on 100
Ω load
■ Tested on 5 V power supply
■ Single or dual supply operation
■ Minimum and maximum limits are tested in full
production
Description
The TSH300 is a voltage feedback amplifier
featuring ultra-low input voltage and current noise.
This feature, associated with a large bandwidth,
large slew rate and a good linearity, makes the
TSH300 a good choice for high-speed data
acquisition systems where sensitivity and signal
integrity are the main priorities.
The TSH300 is a single operator available in SO8
and the tiny SOT23-5L plastic package, saving
board space as well as providing excellent
thermal performances.
Applications
■ High speed data acquisition systems
■ Probe equipment
■ Communication & video test equipment
■ Medical instrumentation
■ ADC drivers
Pin Connections (top view)
Order Codes
+VCC
1
2
3
5
4
8
7
6
NC
+
_
-VCC
NC
-IN
+IN
SO8
NC
+VCC
1
2
3
5
4
8
7
6
NC
+
_
-VCC
NC
-IN
+IN
SO8
NC
1
2
3
5
4
-VCC
+VCC
+ -
OUT
-IN
+IN
SOT23-5
1
2
3
5
4
-VCC
+VCC
+ -
OUT
-IN
+IN
SOT23-5
Part Number
Temperature Range
Package
Packing
Marking
TSH300ILT
-40°C to +85°C
SOT23-5L
Tape & Reel
K308
TSH300ID
SO-8
Tube
TSH300I
TSH300IDT
SO-8
Tape & Reel
TSH300I
www.st.com


Similar Part No. - TSH300ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH31 STMICROELECTRONICS-TSH31 Datasheet
77Kb / 5P
280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
TSH310 STMICROELECTRONICS-TSH310 Datasheet
449Kb / 19P
400A High-Speed Operational Amplifier
TSH310 STMICROELECTRONICS-TSH310 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH310ID STMICROELECTRONICS-TSH310ID Datasheet
449Kb / 19P
400A High-Speed Operational Amplifier
TSH310IDT STMICROELECTRONICS-TSH310IDT Datasheet
449Kb / 19P
400A High-Speed Operational Amplifier
More results

Similar Description - TSH300ID

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629 TI1-LMH6629_14 Datasheet
1Mb / 38P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
LMH6629 TI-LMH6629_15 Datasheet
8Mb / 45P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
logo
Renesas Technology Corp
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com