Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH300ID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 4 Page - STMicroelectronics

  TSH300ID Datasheet HTML 1Page - STMicroelectronics TSH300ID Datasheet HTML 2Page - STMicroelectronics TSH300ID Datasheet HTML 3Page - STMicroelectronics TSH300ID Datasheet HTML 4Page - STMicroelectronics TSH300ID Datasheet HTML 5Page - STMicroelectronics TSH300ID Datasheet HTML 6Page - STMicroelectronics TSH300ID Datasheet HTML 7Page - STMicroelectronics TSH300ID Datasheet HTML 8Page - STMicroelectronics TSH300ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics
TSH300
4/18
Noise and distortion
eN
Equivalent Input Noise Voltage
see application note on page 13
F = 100kHz
0.65
0.77(1) nV/Hz
iN
Equivalent Input Noise Current (+)
see application note on page 13
F = 100kHz
3.3
5.5(1)
pA/
Hz
SFDR
Spurious Free Dynamic Range
The highest harmonic of the output
spectrum when injecting a filtered sine
wave
V
out = 2Vp-p, Gain = +5,
R
L = 100
Ω, F = 10MHz
55
dBc
1.
This parameter is guaranteed by design and evaluated using corner lots. This value is not tested in full production.
Table 3.
Electrical characteristics for VCC = ±2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com