Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345T Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV5345T
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345T Datasheet(HTML) 2 Page - STMicroelectronics

  STV5345T Datasheet HTML 1Page - STMicroelectronics STV5345T Datasheet HTML 2Page - STMicroelectronics STV5345T Datasheet HTML 3Page - STMicroelectronics STV5345T Datasheet HTML 4Page - STMicroelectronics STV5345T Datasheet HTML 5Page - STMicroelectronics STV5345T Datasheet HTML 6Page - STMicroelectronics STV5345T Datasheet HTML 7Page - STMicroelectronics STV5345T Datasheet HTML 8Page - STMicroelectronics STV5345T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PIN DESCRIPTION
Pin
Symbol
Function
Description
1VDD
+5V
Positive supply voltage
2,3,40 *
A11, A12, A10
Chapter address
Address selection outputs for 1 of 8 external static
RAM chapters each of 1 kBytes.
4 *
OE
Output enable
Active-low external static RAM output enable control
signal.
5 *
WE
Write enable
Active-low external static RAM write enable control
signal. It supports write-cycles interleaved with
read-cycles.
6
TTD
Teletext data input
An A.C. coupled teletext data input supplied by the
SAA5231 chip is latched to VSS between 4 and 8
µs
after each TV line.
7
TTC
Teletext clock input
A 6.9375MHz clock signal, supplied by the SAA5231
chip, is internally A.C. coupled, clamped and
buffered.
8
ODD/EVEN
Interlaced mode state output
High for even numbered and low for odd-numbered
frames. The value is valid 2
µs before the end of
lines 311 and 624.
9
F6
Character display clock signal
The 6MHz clock signal, supplied by the SAA5231
chip is internally A.C. coupled, clamped and buffered.
10
VCS
Video composite
synchronization input signal
Active high VCS input.
11
SAND
Sandcastle
Three level output pulse to the SAA5231 device.
Phase lock, blanking signal, and color burst
components are contained in this signal.
12
TCS/SCS
Input / output composite
synchronization signal
Scan composite input signal (SCS) for the display
synchronization or Text composite sync. (TCS)
output signal to the SAA5231. Both signals are
active low.
13,14,15
R G B
Red, green, blue
Character and background colors active-high
open-drain outputs.
16
COR
Contrast reduction
Open-drain active-low output supporting optimal
display of characters in ”mixed mode” operation.
17
BLAN
Blanking signal output
Open-drain active high output for TV-image blanking
in normal and mixed-mode operation.
18
Y
Foreground output
Open-drain active-high output with foreground
information. Can be used for printer command.
19
SCL
Serial clock
Microprocessor clock input via serial bus.
20
SDA
Serial data input / output
Open-drain microprocessor serial data input/output
via serial bus.
21
VSS
0 Volt
Ground.
22-29 *
D0-D7
Parallel data input / output
Eight tri-state input/output for data read/write from/to
an external static RAM.
30-39 *
A0-A9
Address signals
Ten addresses output pins for accessing to
individual Bytes of a 1 kByte chapter stored in an
external Static RAM.
* Pins only activated when 8KBytes of external memory are addressed, otherwise pins OE and WE remain high, and others remain low.
STV5345 - STV5345/H - STV5345/T
2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com