Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345T Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5345T
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345T Datasheet(HTML) 4 Page - STMicroelectronics

  STV5345T Datasheet HTML 1Page - STMicroelectronics STV5345T Datasheet HTML 2Page - STMicroelectronics STV5345T Datasheet HTML 3Page - STMicroelectronics STV5345T Datasheet HTML 4Page - STMicroelectronics STV5345T Datasheet HTML 5Page - STMicroelectronics STV5345T Datasheet HTML 6Page - STMicroelectronics STV5345T Datasheet HTML 7Page - STMicroelectronics STV5345T Datasheet HTML 8Page - STMicroelectronics STV5345T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ELECTRICAL CHARACTERISTICS (continued)
VDD = 5V, VSS = 0V, TA = - 20 to + 70
oC
Symbol
Parameter
Min
Typ
Max
Unit
INPUTS
TTD (Pin 6)
CEXT
Ext. Coupling Capacitor
50
nF
VI(p-p)
Input Voltage p-p
2
7
V
tr ,tf
Input Rise / Fall Times
10
80
ns
tDS
Input Set-up Time
40
ns
tDH
Input Hold Time
40
ns
II(L)
Input Leakage Current (VI = 0 to VDD)
-10
+10
µA
CI
Input capacitance
7pF
TTC, F6 (Pins 7,9)
VI
DC Input Voltage
- 0.3
+10
V
VI(p-p)
AC Input Voltage F6
AC Input Voltage TTC
1
1.5
7
7
V
V
± VP
Input Peak Rel. 50 % Duty
0.2
3.5
V
fTTC
TTC Clock Frequency
6.9375
MHz
fF6
F6 Clock Frequency
6
MHz
tr ,tf
Clock Rise / Fall Times
10
80
ns
II(L)
Input Leakage Current (VI = 0 to 10V)
-10
+10
µA
CI
Input Capacitance
10
pF
VCS (Pin 10)
VIL
Low Level Input Voltage
0
0.8
V
VIH
High Level Input Voltage
2
VDD
V
tr ,tf
Input Rise / Fall Times
500
ns
II(L)
Input Leakage Current (VI = 0 to VDD)
-10
+10
µA
CI
Input Capacitance
7pF
SCL (Pin 19)
VIL
Low Level Input Voltage
0
1.5
V
VIH
High Level Input Voltage
3
VDD
V
fSCL
SCL Clock Frequency
100
kHz
tr ,tf
Input Rise / Fall Times
2
µs
II(L)
Input Leakage Current (VI = 0 to VDD)
-10
+10
µA
CI
Input Capacitance
7pF
INPUT/OUT PUTS
TCS(output), SCS(input) (Pin12)
VIL
Low Level Input Voltage
0
1.5
V
VIH
High Level Input Voltage
3
8
V
tr ,tf
Input Rise / Fall Times
500
ns
II(L)
Input Leakage Current
(VI = 0 to VDD and output in high impedance state)
-10
+10
µA
CI
Input Capacitance
7pF
VOL
Low Level Output Voltage (IOL = 0.4mA)
0
0.4
V
VOH
High Level Output Voltage (-IOH = 0.2mA)
2.4
VDD
V
tr ,tf
Output Rise / Fall Times between 0.6V and 2.2V
100
ns
CL
Load Capacitance
50
pF
STV5345 - STV5345/H - STV5345/T
4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com