Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5345T
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345T Datasheet(HTML) 1 Page - STMicroelectronics

  STV5345T Datasheet HTML 1Page - STMicroelectronics STV5345T Datasheet HTML 2Page - STMicroelectronics STV5345T Datasheet HTML 3Page - STMicroelectronics STV5345T Datasheet HTML 4Page - STMicroelectronics STV5345T Datasheet HTML 5Page - STMicroelectronics STV5345T Datasheet HTML 6Page - STMicroelectronics STV5345T Datasheet HTML 7Page - STMicroelectronics STV5345T Datasheet HTML 8Page - STMicroelectronics STV5345T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
STV5345
STV5345/H - STV5345/T
TELETEXT DECODER WITH 8 INTEGRATED PAGES
April 1994
.
COMPLETE TELETEXT DECODER INCLUD-
ING ON-CHIP 8 PAGES MEMORY, REDUC-
ING EMC RADIATIONS
.
UPWARD
SOFTWARE AND HARDWARE
COMPATIBLE WITH PREVIOUS SGS-THOM-
SON’s DECODER SDA5243
.
DIRECT INTERFACE TO AN EXTERNAL
STATIC RAM OF 8kBYTES FOR UP TO 16
PAGES APPLICATION
.
AUTOMATIC SELECTION OF UP TO SIX NA-
TIONAL LANGUAGES
.
FOUR SIMULTANEOUS PAGE REQUESTS
.
DISPLAY OF THE 25TH STATUS ROW
.
MICROPROCESSOR CONTROL VIA AN I
2C
BUS (SLAVE ADDRESS 0010001 R/W)
.
DATA
ACQUISITION
AVAILABLE
FROM
LINES 2 TO 22 OR FROM A COMPLETE
FIELD
.
HIGH QUALITY DISPLAY USING A CHARAC-
TER MATRIX OF 12 x 10 DOTS
.
SINGLE + 5V SUPPLY VOLTAGE
.
ON-CHIP
MASK PROGRAMMABLE ROM
CHARACTER GENERATORS
.
HCMOS PROCESS
1
2
3
4
5
6
7
8
9
10
11
12
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
24
23
22
21
A11
A12
OE
WE
TTD
TTC
ODD/EVEN
F6
SAN D
TCS/SCS
R
G
B
COR
BLA N
Y
SCL
SDA
VDD
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
VSS
VCS
PIN CONNECTIONS
DESCRIPTION
The STV5345 is a HCMOS integrated circuit which
performs all the processing of logical data within a
625 lines system teletext decoder. It is designed to
operate in conjunction with one-chip : the SAA5231
integrated chip which extracts Teletext information
embedded in a composite video signal. Up to 8
pages of display data can be stored in internal
memory. Using 8Kbytes of external memory leads
to a 16 pages application. A complete system also
comprises a microprocessor controlling the
STV5345 via a 2-wires serial bus. An on-chip ROM
memory contains the character sets. The STV5345
performs automatic selection of one of up to six
natural languages. Data bytes may be decoded in
either 7-Bit plus parity or in full 8-Bit formats. The
chip set also supports facilities for reception and
display of higher-level protocol data.
DIP40
(Plastic Package)
ORDER CODE : STV5345
West European
STV5345/H
East European
STV5345/T
Turkish & European
1/25


Similar Part No. - STV5345T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
STV5346/H STMICROELECTRONICS-STV5346/H Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
STV5346/T STMICROELECTRONICS-STV5346/T Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
STV5346D STMICROELECTRONICS-STV5346D Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
More results

Similar Description - STV5345T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
COMPUTER-CONTROLLED TELETEXT DECODER
September 1993
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com