Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4017BMS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CD4017BMS
Description  CMOS Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4017BMS Datasheet(HTML) 4 Page - Renesas Technology Corp

  CD4017BMS Datasheet HTML 1Page - Renesas Technology Corp CD4017BMS Datasheet HTML 2Page - Renesas Technology Corp CD4017BMS Datasheet HTML 3Page - Renesas Technology Corp CD4017BMS Datasheet HTML 4Page - Renesas Technology Corp CD4017BMS Datasheet HTML 5Page - Renesas Technology Corp CD4017BMS Datasheet HTML 6Page - Renesas Technology Corp CD4017BMS Datasheet HTML 7Page - Renesas Technology Corp CD4017BMS Datasheet HTML 8Page - Renesas Technology Corp CD4017BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CD4017BMS, CD4022BMS
FN3297 Rev 0.00
Page 4 of 10
August 1998
Propagation Delay Clock
to Decode Out
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
270
ns
VDD = 15V
1, 2, 3
+25oC
-
170
ns
Propagation Delay Clock
to Carry Out
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
250
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Propagation Delay Reset
to out
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
230
ns
VDD = 15V
1, 2, 3
+25oC
-
170
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input Fre-
quency
FCL
VDD = 10V
1, 2, 3
+25oC5.0
-
MHz
VDD = 15V
1, 2, 3
+25oC5.5
-
MHz
Minimum Setup Time
Clock Inhibit to Clock
Setup
TS
VDD = 5V
1, 2, 3
+25oC
-
230
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
70
ns
Minimum Reset Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
260
ns
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial
design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
A
N Threshold Voltage
VTN
VDD = 10V, ISS = -10
A1, 4
+25oC-2.8
-0.7
V
N Threshold Voltage
Delta
VTN
VDD = 10V, ISS = -10
A1, 4
+25oC-
1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
A1, 4
+25oC0.2
2.8
V
P Threshold Voltage
Delta
VTP
VSS = 0V, IDD = 10
A1, 4
+25oC-
1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oCVOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
 1.0A
Output Current (Sink)
IOL5
 20% x Pre-Test Reading
Output Current (Source)
IOH5A
 20% x Pre-Test Reading
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com