Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4017BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4017BMS
Description  CMOS Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4017BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4017BMS Datasheet HTML 1Page - Renesas Technology Corp CD4017BMS Datasheet HTML 2Page - Renesas Technology Corp CD4017BMS Datasheet HTML 3Page - Renesas Technology Corp CD4017BMS Datasheet HTML 4Page - Renesas Technology Corp CD4017BMS Datasheet HTML 5Page - Renesas Technology Corp CD4017BMS Datasheet HTML 6Page - Renesas Technology Corp CD4017BMS Datasheet HTML 7Page - Renesas Technology Corp CD4017BMS Datasheet HTML 8Page - Renesas Technology Corp CD4017BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN3297 Rev 0.00
Page 1 of 10
August 1998
FN3297
Rev 0.00
August 1998
CD4017BMS, CD4022BMS
CMOS Counter/Dividers
DATASHEET
CD4017BMS and CD4022BMS are 5-stage and 4-stage John-
son counters having 10 and 8 decoded outputs, respectively.
Inputs include a CLOCK, a RESET, and a CLOCK INHIBIT sig-
nal. Schmitt trigger action in the CLOCK input circuit provides
pulse shaping that allows unlimited clock input pulse rise and fall
times.
These counters are advanced one count at the positive clock sig-
nal transition if the CLOCK INHIBIT signal is low. Counter
advancement via the clock line is inhibited when the CLOCK
INHIBIT signal is high. A high RESET signal clears the counter to
its zero count. Use of the Johnson counter configuration permits
high speed operation, 2-input decode gating and spike-free
decoded outputs. Anti-lock gating is provided, thus assuring
proper counter sequence. The decoded output are normally low
and go high only at their respective decoded time slot. Each
decoded output remains high for one full clock cycle. A CARRY-
OUT signal completes one cycle every 10 clock input cycles in
the CD4017BMS or every 8 clock input cycles in the
CD4022BMS and is used to ripple-clock the succeeding device
in a multi-device counting chain.
The CD4017BMS and CD4022BMS series types are supplied in
these 16 lead outline packages
Features
• High Voltage Types (20V Rating)
• Fully Static Operation
• Medium-Speed Operation 10MHz (Typ) at VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
Number 13A, “Standard Specifications for Description
of ‘B’ Series CMOS Devices”
Applications
• Decade Counter/Decimal Decode Display (CD4017BMS)
• Binary Counter/Decoder
• Frequency Division
• Counter Control/Timers
• Divide-by-N Counting
• For Further Application Information, See ICAN-6166
“COS/MOS MSI Counter and Register Design and
Applications”
CD4017BMS - Decade Counter with 10 Decoded Outputs
CD4022BMS - Octal Counter with 8 Decoded Outputs
Braze Seal DIP
*H4W
†H4X
Frit Seal DIP
*H1F
†H1E
Ceramic Flatpack
H6W
*CD4017B Only
† CD4022B Only
Functional Diagrams
CD4017BMS
CD4022BMS
3
2
4
7
10
1
5
6
9
“0”
“1”
“2”
“3”
“4”
“5”
“6”
“7”
CARRY OUT
DECODED
DECIMAL
14
13
15
CLOCK
CLOCK INHIBIT
RESET
VCC = 16
VSS = 8
11
12
“8”
“9”
OUT
2
1
3
7
11
4
5
10
12
“0”
“1”
“2”
“3”
“4”
“5”
“6”
“7”
CARRY OUT
DECODED
OUT
14
13
15
CLOCK
CLOCK INHIBIT
RESET
VCC = 16
VSS = 8
Pinouts
CD4017BMS
TOP VIEW
CD4022BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
5
1
0
2
6
7
VSS
3
VDD
CLOCK
CLOCK INHIBIT
CARRY OUT
9
4
8
RESET
NC = NO
CONNECTION
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1
0
2
5
6
NC
VSS
3
VDD
CLOCK
CLOCK INHIBIT
CARRY OUT
4
7
NC
RESET
NC = NO
CONNECTION


Similar Part No. - CD4017BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4017BMS INTERSIL-CD4017BMS Datasheet
157Kb / 10P
CMOS Counter/Dividers
August 1998
More results

Similar Description - CD4017BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
logo
Texas Instruments
CD4017B TI-CD4017B Datasheet
590Kb / 14P
CMOS COUNTER/DIVIDERS
CD4020B TI-CD4020B Datasheet
225Kb / 13P
CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
Intersil Corporation
CD4017BMS INTERSIL-CD4017BMS Datasheet
157Kb / 10P
CMOS Counter/Dividers
August 1998
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
RIPPLE CARRY BINARY COUNTER / DIVIDERS
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
CMOS Ripple-Carry Binary Counter / Dividers
CD4017B TI1-CD4017B_15 Datasheet
1Mb / 19P
CMOS Counter/Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com