Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4017BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4017BMS
Description  CMOS Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4017BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CD4017BMS Datasheet HTML 2Page - Renesas Technology Corp CD4017BMS Datasheet HTML 3Page - Renesas Technology Corp CD4017BMS Datasheet HTML 4Page - Renesas Technology Corp CD4017BMS Datasheet HTML 5Page - Renesas Technology Corp CD4017BMS Datasheet HTML 6Page - Renesas Technology Corp CD4017BMS Datasheet HTML 7Page - Renesas Technology Corp CD4017BMS Datasheet HTML 8Page - Renesas Technology Corp CD4017BMS Datasheet HTML 9Page - Renesas Technology Corp CD4017BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CD4017BMS, CD4022BMS
FN3297 Rev 0.00
Page 9 of 10
August 1998
When the Nth decoded output is reached (Nth clock pulse) the S-
R flip-flop (constructed from two NOR gates of the CD4001B)
generates a reset pulse which clears the CD4017BMS or
CD4022BMS to its zero count. At this time, if the Nth decoded out-
put is greater than or equal to 6 in the CD4017BMS or 5 in the
CD4022BMS, the COUT line goes high to clock the next
CD4017BMS or CD4022BMS counter section. The “0” decoded
output also goes high at this time. Coincidence of the clock low
and decoded “0” output low resets the S-R flip-flop to enable the
CD4017BMS or CD4022BMS. If the Nth decoded output is less
than 6 (CD4017BMS) or 5 (CD4022BMS), the COUT line will not
go high and, therefore, cannot be used. In this case “0” decoded
output may be used to perform the clocking function for the next
counter.
FIGURE 11. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
(CLOCK TO CARRY OUT)
FIGURE 12. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF CLOCK INPUT FREQUENCY
FIGURE 13. PROPAGATION DELAY, SETUP, AND RESET
REMOVAL TIME WAVEFORMS
FIGURE 14. DIVIDE BY N COUNTER (N
 10) WITH N DECODED
OUTPUTS
FIGURE 15. CASCADING THE CD4017BMS
Typical Performance Characteristics (Continued)
SUPPLY VOLTAGE (VDD) = 5V
AMBIENT TEMPERATURE (TA) = +25oC
10V
15V
700
600
500
400
300
200
100
0
10
2030405060
70
8090100
LOAD CAPACITANCE (CL) (pF)
110
102
103
104
CLOCK INPUT FREQUENCY (fCL) (kHz)
105
10
102
103
104
105
CL = 50pF
CL = 15pF
LOAD CAPACITANCE
SUPPLY VOLTAGE
(VDD) = 15V
10V
5V
10V
AMBIENT TEMPERATURE (TA) = +25oC
INPUT tr = tf = 20ns
CLOCK
CLOCK
INHIBIT
RESET
DECODE
1-9
DECODE
“0” OR
CARRY
OUTPUT
OUTPUT
TS
TPLH
TPHL
TPHL
TPRHL
TPRLH
Delays Measured Between 50% levels on All Waveforms
CD4017BMS
OR
CD4022BMS
12. . .
N
N DECODED
OUTPUTS
0
CLOCK
CLOCK
INHIBIT
COUT FOR N  6
f = CLOCK
N
ALTERNATE COUT
FOR N = 2 TO 10
f = CLOCK
N
O DECODED
OUTPUTS
CD4017BMS
C
CE
Q0 Q1 . . . Q8 Q9
R
CD4017BMS
C
CE
Q0 Q1 . . . Q8 Q9
R
CD4017BMS
C
CE
Q0 Q1 . . . Q8 Q9
R
9 DECODED
OUTPUTS
CLOCK
INTERMEDIATE STAGE
8 DECODED
OUTPUTS
8 DECODED
OUTPUTS
LAST STAGE
FIRST STAGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com