Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3003KWM Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3003KWM
Description  1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3003KWM Datasheet(HTML) 1 Page - Sanken electric

  SI-3003KWM Datasheet HTML 1Page - Sanken electric SI-3003KWM Datasheet HTML 2Page - Sanken electric SI-3003KWM Datasheet HTML 3Page - Sanken electric SI-3003KWM Datasheet HTML 4Page - Sanken electric SI-3003KWM Datasheet HTML 5Page - Sanken electric SI-3003KWM Datasheet HTML 6Page - Sanken electric SI-3003KWM Datasheet HTML 7Page - Sanken electric SI-3003KWM Datasheet HTML 8Page - Sanken electric SI-3003KWM Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Designed to meet the high-current requirements in industrial and
consumer applications; embedded core, memory, or logic supplies; TVs,
VCRs, and office equipment, the SI-3003KWM voltage regulator offers
the reduced dropout voltage and low quiescent current essential for
improved efficiency. This device delivers dual regulated outputs at up to
1 A. Integrated thermal and overcurrent protection enhance overall
system reliability. Devices with other output voltages are also available.
Quiescent current does not increase significantly as the dropout
voltage is approached, an ideal feature in standby/resume power systems
where data integrity is crucial. Regulator accuracy and excellent
temperature characteristics are provided by a bandgap reference. An
LS-TTL/CMOS-compatible input gives the designer complete control
over power up, standby, or power down. A pnp pass element provides a
dropout voltage of less than 600 mV at 1 A of load current. Low output
voltages eliminate the need for expensive PWM buck converters. The
low dropout voltage permits more efficient regulation before output
regulation is lost.
This device is supplied in a 5-lead TO-252 style surface-mount
plastic package with ground tab to provide a low-resistance path for
maximum heat dissipation. A similar device in a flange-mounted (TO-
220-style) high-power package is the SI-3003KWD.
FEATURES
■ 1 A Output Current per Channel
■ 0.6 V Maximum Dropout Voltage at I
O = 1 A
■ Fast Transient Response
■ 1.5 mA Maximum Standby Current
■ Foldback Current Limiting
■ Ground Tab for Superior Heat Dissipation
■ Thermal Protection
APPLICATIONS
■ TVs, VCRs, Electronic Games
■ Embedded Core, Memory, or Logic Supplies
■ Printers and Other Office Equipment
■ Industrial Machinery
■ Secondary-Side Stabilization of Multi-Output SMPS
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
Always order by complete part number, e.g., SI-3003KWM-TL ,
where “-TL” indicates tape and reel.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . .
18 V
Output Current, I
O . . . . . . . . . . . . .
1 A*
Enable Input Voltage, V
E . . . . . . .
6.0 V
Junction Temperature, T
J . . . .
+125°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40°C to +125°C
* Output current rating is limited by input
voltage, duty cycle, and ambient tempera-
ture. Under any set of conditions, do not
exceed a junction temperature of +125°C.
SI-3003KWM
Sanken Power Devices
from Allegro MicroSystems
Linear
Regulators


Similar Part No. - SI-3003KWM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWD-TL ALLEGRO-SI-3003KWD-TL Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
More results

Similar Description - SI-3003KWM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
1 A, Low-Dropout, 1.8 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
1 A, Low-Dropout, 2.5 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
1 A, Low-Dropout, 3.3 V Regulator
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com