Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T6010 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE80T6010
Description  Tunnel Diode Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T6010 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE80T6010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
3
Typical Performance Data
.8
1.2
FREQUENCY (GHz)
12
11
10
9
8
7
6
5
0
.4
1.6
2.0
TYPICAL OPEN CIRCUIT
VOLTAGE SENSITIVITIES
SWEPT RESPONSES
Typical Performance at +25° C
20
40
30
90
60
50
80
70
100
7
3
2
5
4
6
10
9
8
1
-28
INPUT POWER (dBm)
RL=150
Transfer Characteristic for a
Tunnel Diode
(@ 1 GHz)
200
300
400
-25
-22
-19
-16
-13
-10
-7
-4
-1
+2
+5
-20 dBm
RL=1K
R L=20K
PE80T6010 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime, Negative Video Out, +17 dBm max Pin,
500 MHz to 1 GHz PE80T6010
Detectors Technical Data Sheet
PE80T6010
Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime,
Negative Video Out, +17 dBm max Pin, 500 MHz to 1 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com