Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T6010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE80T6010
Description  Tunnel Diode Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T6010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE80T6010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
The PE80T6010 is a coaxial packaged Tunnel Diode Detector that features rugged Germanium (Ge) planar construction and
operates over a broadband frequency range of 0.5 to 1.0 GHz. The zero biased design features extremely low video output
resistance of 125 ohms typical, and an extremely fast pulse response risetime of 5 nsec typical. Additional desirable features
include excellent dynamic range with very efficient low level RF signal detection, wide video bandwidth, and excellent loaded
voltage output sensitivity. The Detector exhibits an extremely stable and flat Negative Output Polarity response across a wide
frequency band and has excellent temperature stability across an operating temperature range of -65°C to +115°C. Maximum
CW input power handling is +17 dBm. The compact cylindrical package features an SMA male RF input connector and an
SMA female Video output connector.
Features
• Tunnel Diode Detector
• Rugged Germanium (Ge) Planar Construction
• Broadband Frequency: 0.1 to 2 GHz
• Zero Bias Design
• Negative Video Output
• Operational Temperature: -65°C to +115°C
• Extremely Fast Pulse Video Response: 5 nsec typ.
risetime
• Max CW Input Power +17 dBm
• Extremely Low Video Resistance: 125 ohms typical
• SMA Male RF Input and SMA Female Video Output
Connectors
• Excellent Temperature Stability
• Excellent Dynamic Range with Very Efficient Low
Level Signal Detection
• Excellent Loaded Voltage Output Sensitivity
Applications
• Transmitter Monotoring
• Radar Equipment
• Missile Guidance Systems
• Input to Low Noise Amplifiers
• ECM Receivers
• Power and Signal Monitors
• Doppler Radar and Beacon
Receivers
• Test & Measurement
• Pulse Applications
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
500 MHz
1000 MHz
VSWR
2:1
Pulse Video Response Risetime
5
ns
Voltage Sensitivity
1,000
mV/mW
Flatness
±0.5
dB
Input Power
+17
dBm
Video Output Resistance
125
Ohms
Video Capacitance
100
pF
Tangential Signal Sensitivity (TSS)
-51
dBm
Operating Temperature Range
-65
+115
deg C
. .
Electrical Specification Notes:
Typical values are measured at +25°C and are not guaranteed. TSS is measured with a 2 MHz video bandwidth and 2
dB NF amplifier. Input Power is 17 dBm or 3 ERG Spike Max
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime, Negative Video Out, +17 dBm max Pin,
500 MHz to 1 GHz PE80T6010
PE80T6010 REV 1
Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime,
Negative Video Out, +17 dBm max Pin, 500 MHz to 1 GHz
Detectors Technical Data Sheet
PE80T6010


Similar Part No. - PE80T6010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T6011 PASTERNACK-PE80T6011 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6012 PASTERNACK-PE80T6012 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6013 PASTERNACK-PE80T6013 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6014 PASTERNACK-PE80T6014 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6015 PASTERNACK-PE80T6015 Datasheet
603Kb / 5P
Tunnel Diode Detector
More results

Similar Description - PE80T6010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T6003 PASTERNACK-PE80T6003 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6006 PASTERNACK-PE80T6006 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6007 PASTERNACK-PE80T6007 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6008 PASTERNACK-PE80T6008 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6011 PASTERNACK-PE80T6011 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6014 PASTERNACK-PE80T6014 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6015 PASTERNACK-PE80T6015 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6017 PASTERNACK-PE80T6017 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6019 PASTERNACK-PE80T6019 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6020 PASTERNACK-PE80T6020 Datasheet
603Kb / 5P
Tunnel Diode Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com