Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T6010 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE80T6010
Description  Tunnel Diode Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T6010 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE80T6010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80T6010 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
PE80T6010 REV 1
Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime, Negative
Video Out, +17 dBm max Pin, 500 MHz to 1 GHz
PE80T6010 CAD Drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com