Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP01N100D Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP01N100D
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP01N100D Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP01N100D Datasheet HTML 1Page - IXYS Corporation IXTP01N100D Datasheet HTML 2Page - IXYS Corporation IXTP01N100D Datasheet HTML 3Page - IXYS Corporation IXTP01N100D Datasheet HTML 4Page - IXYS Corporation IXTP01N100D Datasheet HTML 5Page - IXYS Corporation IXTP01N100D Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXTY01N100D IXTU01N100D
IXTP01N100D
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 100V, ID = 100mA, Note 1
100
200
mS
C
iss
100
pF
C
oss
V
GS = -10V, VDS = 25V, f = 1MHz
12
pF
C
rss
2
pF
t
d(on)
7
ns
t
r
10
ns
t
d(off)
34
ns
t
f
64
ns
Q
g(on)
5.8
nC
Q
gs
V
GS = 5V, VDS = 500V, ID = 50mA
3.6
nC
Q
gd
0.4
nC
R
thJC
5.0
C/W
R
thCS
TO-220
0.50
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
SD
I
F = 100mA, VGS = -10V, Note 1
1.5
V
t
rr
1.5
μs
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
 300s, duty cycle, d  2%.
Resistive Switching Times
V
GS = 5V, VDS = 50V, ID = 50mA
R
G = 30 (External)
Pins:
1 - Gate
2 - Drain
3 - Source
TO-220 (IXTP) Outline
I
F = 750mA, -di/dt = 100A/s
V
R = 25V, VGS = -10V
TO-252 AA (IXTY) Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
1. Gate
2. Drain
3. Source
TO-251 (IXTU) Outline
1. Gate
2,4 .Drain
3. Source
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
.086
.094
A1
0.89
1.14
0.35
.045
b
0.64
0.89
.025
.035
b1
0.76
1.14
.030
.045
b2
5.21
5.46
.205
.215
c
0.46
0.58
.018
.023
c1
0.46
0.58
.018
.023
D
5.97
6.22
.235
.245
E
6.35
6.73
.250
.265
e
2.28
BSC
.090
BSC
e1
4.57
BSC
.180
BSC
H
17.02
17.78
.670
.700
L
8.89
9.65
.350
.380
L1
1.91
2.28
.075
.090
L2
0.89
1.27
.035
.050



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com