Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP01N100D Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP01N100D
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP01N100D Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP01N100D Datasheet HTML 1Page - IXYS Corporation IXTP01N100D Datasheet HTML 2Page - IXYS Corporation IXTP01N100D Datasheet HTML 3Page - IXYS Corporation IXTP01N100D Datasheet HTML 4Page - IXYS Corporation IXTP01N100D Datasheet HTML 5Page - IXYS Corporation IXTP01N100D Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXTY01N100D IXTU01N100D
IXTP01N100D
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. RDS(on) Normalized to ID = 50mA Value
vs. Drain Current
0
1
2
3
4
5
0
100
200
300
400
500
600
700
800
900
1000
ID - MilliAmperes
VGS = 0V
5V
TJ = 125
oC
TJ = 25
oC
Fig. 8. Input Admittance
0
50
100
150
200
250
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
VDS = 100V
Fig. 9. Transconductance
0
50
100
150
200
250
300
350
0
50
100
150
200
250
ID - MilliAmperes
VDS = 100V
25
oC
TJ = - 40
oC
125
oC
Fig. 10. Forward Voltage Drop of Intrinsic Diode
0
50
100
150
200
250
300
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125
oC
VGS = -10V
TJ = 25
oC
Fig. 12. Gate Charge
-5
-4
-3
-2
-1
0
1
2
3
4
5
01
2
3
45
6
QG - NanoCoulombs
VDS = 500V
I D = 50mA
I G = 1mA
Fig. 11. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com