Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP01N100D Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP01N100D
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP01N100D Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP01N100D Datasheet HTML 1Page - IXYS Corporation IXTP01N100D Datasheet HTML 2Page - IXYS Corporation IXTP01N100D Datasheet HTML 3Page - IXYS Corporation IXTP01N100D Datasheet HTML 4Page - IXYS Corporation IXTP01N100D Datasheet HTML 5Page - IXYS Corporation IXTP01N100D Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXTY01N100D IXTU01N100D
IXTP01N100D
Fig. 1. Output Characteristics @ TJ = 25
oC
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDS - Volts
VGS = 5.0V
0V
-1.5V
-1.0V
- 3.0V
- 0.5V
- 2.0V
Fig. 2. Output Characteristics @ TJ = 125
oC
0
10
20
30
40
50
60
70
80
90
100
0
1234
5678
9
10
11
VDS - Volts
-1.5V
- 2.0V
- 3.0V
VGS = 5.0V
0V
-1.0V
- 0.5V
Fig. 6. Normalized RDS(on) vs. Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 0V
I D = 50mA
Fig. 3. Drain Current @ TJ = 25
oC
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
50
100
150
200
250
300
350
400
450
VDS - Volts
VGS = 0V
- 3.5V
- 2.5V
- 3.0V
-2.0V
-1.5V
-1.0V
-0.5V
Fig. 5. Dynamic Resistance vs. Gate Voltage
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
VGS - Volts
∆VDS = 300V - 100V
TJ = 25
oC
TJ = 100
oC
Fig. 4. Drain Current @ TJ = 100
oC
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
50
100
150
200
250
300
350
400
450
VDS - Volts
VGS = 0V
-1.0V
- 2.5V
- 3.0V
- 3.5V
-0.5V
- 2.0V
- 1.5V
- 4.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com