Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C5863 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C5863
Description  Plenum QMA Male to QMA Female Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5863 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C5863 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Speciications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5.8
GHz
VSWR
1.4:1
Velocity of Propagation
76
%
RF Shielding
100
dB
Passive Intermodulation
-150
dBc
Capacitance
27 [88.58]
pF/ft [pF/m]
Inductance
0.067 [0.22]
uH/ft [uH/m]
DC Resistance Inner Conductor
3 [9.84]
Ω/1000ft [Ω/Km]
.
Speciications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.45
0.7
1
2.5
5.8
GHz
Insertion Loss (Max.)
0.038
0.048
0.057
0.094
0.148
dB/ft
0.12
0.16
0.19
0.31
0.49
dB/m
.
Electrical Speciication Notes:
Insertion loss does not include the loss of the connectors. Insertion loss is estimated as 0.04*SQRT(FGHz) dB per
connector.
Mechanical Speciications
Cable Assembly
.
Cable
Cable Type
SPP-250-LLPL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Copper
Jacket Material
FEP, Blue
Jacket Diameter
0.28 in [7.11 mm]
.
One Time Minimum Bend Radius
1.25 in [31.75 mm]
Bending Moment
0.8 lbs-ft [1.08 N-m]
PE3C5863 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: Plenum QMA Male to QMA Female Low PIM Cable Using SPP-250-LLPL Coax , LF Solder
PE3C5863
RF Ca ble Asse m blie s Te c hnic a l Da t a She e t
PE3 C5 8 6 3
Plenum QMA Male to QMA Female Low PIM Cable
Using SPP-250-LLPL Coax , LF Solder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com