Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C5863 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C5863
Description  Plenum QMA Male to QMA Female Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5863 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C5863 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Coniguration
•
Connector 1: QMA Male
•
Connector 2: QMA Female
• Cable Type: SPP-250-LLPL
Features
•
Max Frequency 5.8 GHz
•
Low PIM: -150 dBc Max
•
Shielding Efectivity > 100 dB
•
76% Phase Velocity
•
FEP Jacket
•
100% Tested with PIM Test Results Marked on Cable
•
UL910 Plenum Rated Cable
•
Lightweight and Extremely Flexible
•
Low Loss with Excellent VSWR
•
IP67 (when mated)
SPP-250-LLPL
.280
7.11
JACKET
OUTER SHIELD
DIELECTRIC
SOLID CENTER
CONDUCTOR
Applications
•
General Purpose
•
Laboratory Use
• Low PIM Applications
• Distributed Antenna Systems
(DAS)
•
Plenum Installations
•
Multi-Carrier Communication
Systems
• PIM Testing
.
Description
Pasternack’s PE3C5863 QMA male to QMA female cable using SPP-250-LLPL coax is part of our full line of RF components
available for same-day shipping. Pasternack’s corrugated RF cable assemblies are ideal for applications where durability and
high power are needed. This Pasternack QMA to QMA cable assembly has a male to female gender coniguration with 50 ohm
corrugated SPP-250-LLPL coax. The PE3C5863 QMA male to QMA female cable assembly operates to 5.8 GHz. Our low PIM
design also ofers excellent passive intermodulation performance with PIM levels better than -150 dBc.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: Plenum QMA Male to QMA Female Low PIM Cable Using SPP-250-LLPL Coax , LF Solder
PE3C5863
PE3C5863 REV 1.0
Plenum QMA Male to QMA Female Low PIM Cable
Using SPP-250-LLPL Coax , LF Solder
RF Ca ble Asse m blie s Te c hnic a l Da t a She e t
PE3 C5 8 6 3


Similar Part No. - PE3C5863

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C5860 PASTERNACK-PE3C5860 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to QMA Female Low PIM Cable
PE3C5862 PASTERNACK-PE3C5862 Datasheet
519Kb / 6P
Plenum N Male to QMA Female Low PIM Cable
PE3C5864 PASTERNACK-PE3C5864 Datasheet
519Kb / 6P
Plenum QMA Female to SMA Male Low PIM Cable
PE3C5865 PASTERNACK-PE3C5865 Datasheet
520Kb / 6P
Plenum 4.3-10 Male to QMA Male Low PIM Cable
PE3C5866 PASTERNACK-PE3C5866 Datasheet
522Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to QMA Male Low PIM Cable
More results

Similar Description - PE3C5863

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C5838 PASTERNACK-PE3C5838 Datasheet
521Kb / 6P
Plenum 4.3-10 Female to QMA Male Low PIM Cable
PE3C5859 PASTERNACK-PE3C5859 Datasheet
520Kb / 6P
Plenum 4.3-10 Male to QMA Female Low PIM Cable
PE3C5862 PASTERNACK-PE3C5862 Datasheet
519Kb / 6P
Plenum N Male to QMA Female Low PIM Cable
PE3C5864 PASTERNACK-PE3C5864 Datasheet
519Kb / 6P
Plenum QMA Female to SMA Male Low PIM Cable
PE3C5865 PASTERNACK-PE3C5865 Datasheet
520Kb / 6P
Plenum 4.3-10 Male to QMA Male Low PIM Cable
PE3C5869 PASTERNACK-PE3C5869 Datasheet
666Kb / 6P
Plenum QMA Male to QMA Male Low PIM Cable
PE3C5870 PASTERNACK-PE3C5870 Datasheet
666Kb / 6P
Plenum QMA Male to SMA Male Low PIM Cable
PE3C5875 PASTERNACK-PE3C5875 Datasheet
667Kb / 6P
Plenum QMA Male to QMA Male Right Angle Low PIM Cable
PE3C5877 PASTERNACK-PE3C5877 Datasheet
668Kb / 6P
Plenum QMA Male Right Angle to QMA Male Right Angle Low PIM Cable
PE3C5882 PASTERNACK-PE3C5882 Datasheet
668Kb / 6P
Plenum QMA Male to SMA Female Low PIM Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com