Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C5863 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3C5863
Description  Plenum QMA Male to QMA Female Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5863 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3C5863 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5863 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
How to Order
Part Number Coniguration:
PE3C5863
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C5863-12 = 12 inches long cable
PE3C5863-100cm = 100 cm long cable
Plenum QMA Male to QMA Female Low PIM Cable Using SPP-250-LLPL Coax , LF Solder from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: Plenum QMA Male to QMA Female Low PIM Cable Using SPP-250-LLPL Coax , LF Solder
PE3C5863
URL: https://www.pasternack.com/qma-male-qma-female-spp250llpl-cable-assembly-pe3c5863-p.aspx
PE3C5863 REV 1.0
RF Ca ble Asse m blie s Te c hnic a l Da t a She e t
Plenum QMA Male to QMA Female Low PIM Cable
Using SPP-250-LLPL Coax , LF Solder
PE3 C5 8 6 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com