Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV7215 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV7215
Description  580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV7215 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LPV7215 Datasheet HTML 1Page - National Semiconductor (TI) LPV7215 Datasheet HTML 2Page - National Semiconductor (TI) LPV7215 Datasheet HTML 3Page - National Semiconductor (TI) LPV7215 Datasheet HTML 4Page - National Semiconductor (TI) LPV7215 Datasheet HTML 5Page - National Semiconductor (TI) LPV7215 Datasheet HTML 6Page - National Semiconductor (TI) LPV7215 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body
2000V
Machine Model
200V
V
IN Differential
±2.5V
Supply Voltage (V
+ -V−)6V
Voltage at Input/Output pins
V
+ +0.3V, V− −0.3V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10
sec)
260˚C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40˚C to +125˚C
Supply Voltage (V
+ –V−)
1.8V to 5.5V
Package Thermal Resistance (
θ
JA (Note 3))
5-Pin SOT23
234˚C/W
5-Pin SC70
456˚C/W
1.8V Electrical Characteristics (Note 8)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 1.8V, V− = 0V, and V
CM =V
+/2, V
O=V
−. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
I
S
Supply Current
V
CM = 0.3V, TA= 25˚C
580
645
nA
V
CM = 0.3V, −40˚C to 85˚C
681
V
CM = 0.3V, −40˚C to 125˚C
980
V
CM = 1.5V, TA= 25˚C
790
875
V
CM = 1.5V, −40˚C to 85˚C
912
V
CM = 1.5V, −40˚C to 125˚C
1155
V
OS
Input Offset Voltage
V
CM =0V
V
CM = 1.8V
±0.3
±3
±4
mV
TC V
OS
Input Offset Average Drift
(Note 7)
±2
µV/C
I
B
Input Bias Current (Note 6)
V
CM = 0.5V
−5
fA
V
CM = 1.3V
I
OS
Input Offset Current
1
fA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 0.7V
V
CM Stepped from 1.2V to 1.8V
80
90
dB
PSRR
Power Supply Rejection Ratio
V
+ = 1.8V to 5V, V
CM =0V
75
93
dB
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50 dB
1.8
0
V
A
V
Voltage Gain
120
dB
V
O
Output Swing High
I
O = 500 µA
1.68
V
I
O = 1 mA
1.54
Output Swing Low
I
O = −500 µA
120
mV
I
O =−1mA
260
I
OUT
Output Current
Source
2.0
2.26
mA
Sink
2.7
3.1
Propagation Delay
(High to Low)
Overdrive = 10 mV
Overdrive = 100 mV
13
4.5
µs
Propagation Delay
(Low to High)
Overdrive = 10 mV
Overdrive = 100 mV
12.5
6.6
µs
t
rise
Rise Time
Overdrive = 10 mV
C
L = 30 pF, RL =1M
Ω
80
ns
Overdrive = 100 mV
C
L = 30 pF, RL =1M
Ω
80
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com