Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV7215 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV7215
Description  580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV7215 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPV7215 Datasheet HTML 1Page - National Semiconductor (TI) LPV7215 Datasheet HTML 2Page - National Semiconductor (TI) LPV7215 Datasheet HTML 3Page - National Semiconductor (TI) LPV7215 Datasheet HTML 4Page - National Semiconductor (TI) LPV7215 Datasheet HTML 5Page - National Semiconductor (TI) LPV7215 Datasheet HTML 6Page - National Semiconductor (TI) LPV7215 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LPV7215
580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull
Output Comparator
General Description
The LPV7215 is an ultra low-power comparator with a typical
power supply current of 580 nA. It has the best-in-class
power supply current versus propagation delay performance
available among National’s low-power comparators. The
propagation delay is as low as 4.5 microseconds with 100
mV overdrive at 1.8V supply.
Designed to operate over a wide range of supply voltages,
from 1.8V to 5.5V, the LPV7215, with guaranteed operation
at 1.8V, 2.7V and 5.0V, is ideal for use in a variety of
battery-powered applications. With rail-to-rail common mode
voltage range, the LPV7215 is well suited for single-supply
operation.
Featuring a push-pull output stage, the LPV7215 allows for
operation with absolute minimum power consumption when
driving any capacitive or resistive load.
With an operating temperature range of −40˚C to 125˚C, this
comparator can be adopted for extreme temperature appli-
cations. Available in a choice of space-saving packages, the
LPV7215 is ideal for use in handheld electronics and mobile
phone applications. The LPV7215 is manufactured with Na-
tional’s advanced VIP50 process.
Features
(Typical unless otherwise noted)
n
Ultra low power consumption
580 nA
n
Wide supply voltage range
1.8V to 5.5V
n
Propagation delay
4.5 µs
n
Push-Pull output current drive
19 mA
n
Temperature range
-40˚C to 125˚C
n
Rail-to-rail input
n
Tiny SOT23-5 and SC70-5 packages
Applications
n
Laptop computers
n
Mobile phones
n
RC timers
n
Alarm and monitoring circuits
n
Window comparators
n
Multivibrators
Typical Application
20123601
Threshold Detector
20123602
Propagation Delay vs. Overdrive
PRELIMINARY
September 2005
© 2005 National Semiconductor Corporation
DS201236
www.national.com


Similar Part No. - LPV7215

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
LPV7215 TI2-LPV7215 Datasheet
1Mb / 36P
LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
REVISED AUGUST 2016
logo
Intersil Corporation
LPV7215MF INTERSIL-LPV7215MF Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com