Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV7215 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV7215
Description  580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV7215 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LPV7215 Datasheet HTML 1Page - National Semiconductor (TI) LPV7215 Datasheet HTML 2Page - National Semiconductor (TI) LPV7215 Datasheet HTML 3Page - National Semiconductor (TI) LPV7215 Datasheet HTML 4Page - National Semiconductor (TI) LPV7215 Datasheet HTML 5Page - National Semiconductor (TI) LPV7215 Datasheet HTML 6Page - National Semiconductor (TI) LPV7215 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5V Electrical Characteristics (Note 8)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, and V
CM =V
+/2, V
O=V
-.Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
I
S
Supply Current
V
CM = 0.3V, TA = 25˚C
612
677
nA
V
CM = 0.3V, −40˚C to 85˚C
740
V
CM = 0.3V, −40˚C to 125˚C
1240
V
CM = 4.7V, TA= 25˚C
825
920
V
CM = 4.7V, −40˚C to 85˚C
970
V
CM = 4.7V, −40˚C to 125˚C
1450
V
OS
Input Offset Voltage
V
CM =0V
±0.3
±3
±4
mV
V
CM =5V
TC V
OS
Input Offset Average Drift
(Note 7)
±1
µV/C
I
B
Input Bias Current (Note 6)
V
CM = 0.5V
−5
fA
V
CM = 4.5V
I
OS
Input Offset Current
1
fA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 3.9V
80
90
dB
V
CM Stepped from 4.4V to 5V
PSRR
Power Supply Rejection Ratio
V
+ = 1.8V to 5V, V
CM =0V
75
93
dB
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50 dB
5
0V
V
O
Output Swing High
I
O = 500 µA
4.95
V
I
O =1mA
4.9
Output Swing Low
I
O = −500 µA
50
mV
I
O =−1mA
100
I
OUT
Output Current
Source
15.5
17
mA
Sink
16.7
19
Propagation Delay
(High to Low)
Overdrive = 10 mV
Overdrive = 100 mV
18
8
µs
Propagation Delay
(Low to High)
Overdrive = 10 mV
Overdrive = 100 mV
30
13
µs
t
rise
Rise Time
Overdrive = 10 mV
C
L = 30 pF, RL =1M
Ω
100
ns
Overdrive = 100 mV
C
L = 30 pF, RL =1M
Ω
100
t
fall
Fall Time
Overdrive = 10 mV
C
L = 30 pF, RL =1M
Ω
115
ns
Overdrive = 100 mV
C
L = 30 pF, RL =1M
Ω
95
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine model: 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board at the time of characterization.
Note 4: Typical values represent the most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using statistical quality control
(SQC) method.
Note 6: Positive current corresponds to current flowing into the device.
Note 7: Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Note 8: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device.
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com