Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TECT082 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # TECT082
Description  THREE SCR MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

TECT082 Datasheet(HTML) 1 Page - Green Power Solutions srl

  TECT082 Datasheet HTML 1Page - Green Power Solutions srl TECT082 Datasheet HTML 2Page - Green Power Solutions srl TECT082 Datasheet HTML 3Page - Green Power Solutions srl TECT082 Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/TECT082,_095.pdf
TECT082,_095
THREE SCR MODULES
Preliminary Data Sheet
► Extremely high power density
► Line voltage range up to 690 VRMS
► High reliability
► Modularity
► User friendly assembly and maintenance
► Cost effective solution
► Suitable for heavy duty applications
Maximum Ratings
IT(AV)
825
950
A
IT(RMS)
1295
1492
A
ITSM
34
36
50 Hz, Tj = Tjmax,
VR = 0 V
kA
ITSM
35.9
38.0
60 Hz, Tj = Tjmax,
VR = 0 V
kA
I²t
5780
6480
50 Hz, Tj = Tjmax,
VR = 0 V
kA²s
I²t
5260
5897
60 Hz, Tj = Tjmax,
VR = 0 V
kA²s
VDRM/VRRM
2200
1800
Tj = Tjmax
V
Tjmax
125
125
°C
Document TECT082,_095T001
180° cond, half sine
Ta = 40 °C
Air velocity = 8 m/s
Conditions
Units
Part number
Parameters------------------
TECT082
TECT095
Description
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Similar Part No. - TECT082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TECT082

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CE420830 POWEREX-CE420830 Datasheet
77Kb / 4P
Three-Phase SCR/Diode Bridge Modules 30 Amperes/800 Volts
CE420860 POWEREX-CE420860 Datasheet
77Kb / 4P
Three-Phase SCR/Diode Bridge Modules 60 Amperes/800 Volts
CE720802 POWEREX-CE720802 Datasheet
75Kb / 4P
Three-Phase SCR/Diode Bridge Modules 20 Amperes/800 Volts
logo
Dynex Semiconductor
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
logo
Green Power Solutions s...
GEM_018 GPSEMI-GEM_018 Datasheet
192Kb / 4P
QUAD SCR MODULES
TECA110 GPSEMI-TECA110 Datasheet
262Kb / 4P
SCR MODULES
TECA206 GPSEMI-TECA206 Datasheet
337Kb / 7P
SCR MODULES
TECQ082 GPSEMI-TECQ082 Datasheet
735Kb / 9P
SCR MODULES
TECS110 GPSEMI-TECS110 Datasheet
212Kb / 5P
SINGLE SCR MODULES
TECS206 GPSEMI-TECS206 Datasheet
246Kb / 5P
SINGLE SCR MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com