Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TECT082 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # TECT082
Description  THREE SCR MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

TECT082 Datasheet(HTML) 3 Page - Green Power Solutions srl

  TECT082 Datasheet HTML 1Page - Green Power Solutions srl TECT082 Datasheet HTML 2Page - Green Power Solutions srl TECT082 Datasheet HTML 3Page - Green Power Solutions srl TECT082 Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECT082,_095
1.0
0
24
Maximum IEC class 1 currents for typical circuit type
TECT082
TECT095
Conditions
Units
AC switch
A
Center tap
1650
1900
A
Two pulse regen bridge
A
Six pulse regen bridge
2360
2700
A
Double star with I.P. transf.
1.5;1 min
1.0
0
24
Maximum IEC class 2 currents for typical circuit type
TECT082
TECT095
Conditions
Units
AC switch
TA = 40 °C
delay angle = 0°
A
Center tap
TA = 40 °C
delay angle = 0°
A
Two pulse bridge
Six pulse bridge
Thermal and mechanical characteristics
TECT082
TECT095
Conditions
Units
Tjmax
Max operating junction
temperature
125
125
°C
Tstg
Storage temperature
-40 +70
-40 +70
°C
RthJA
Thermal resistance
(junction to ambient)
0.073
0.073
Air velocity = 8 m/s
°C/W
Mounting torque -
TEC to panel (+/- 10%)
N·m
Mounting torque -
busbar to TEC (+/- 10%)
14
14
M8 mounting screw
N·m
D
Depth
265
mm
H
Height
375
mm
W
Width
mm
m
Mass
kg
Document TECT082,_095T001
Ta = 40 °C
Air velocity = 8 m/s
Circuit Type
Parameters
F
Circuit Type
Overall dimensions
H
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com