Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TECT082 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # TECT082
Description  THREE SCR MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

TECT082 Datasheet(HTML) 2 Page - Green Power Solutions srl

  TECT082 Datasheet HTML 1Page - Green Power Solutions srl TECT082 Datasheet HTML 2Page - Green Power Solutions srl TECT082 Datasheet HTML 3Page - Green Power Solutions srl TECT082 Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECT082,_095
V
code
12
16
18
22
On-State Characteristics
TECT082
TECT095
Conditions
Units
VT(TO)
Threshold voltage
0.99
0.8
Tj = Tjmax
V
rT
On-state slope
resistance
0.21
0.18
Tj = Tjmax
m
W
IH
Holding current, max
300
300
Tj = 25°C
mA
IL
Latching current, typ
700
700
Tj = 25°C
mA
PMAX
Max power losses
3495
3495
TA = 40°C
W
Triggering Characteristics
TECT082
TECT095
Conditions
Units
VGT
Gate trigger voltage
3
3.5
Tj = 25°C, VD = 5V
V
IGT
Gate trigger current
250
300
Tj = 25°C, VD = 5V
mA
PGM
Peak gate power
dissipation
150
150
Pulse width 1 ms
W
PG(AV)
Average gate power
dissipation
2
2
W
IFGM
Peak gate current
10
10
A
VFGM
Peak gate voltage
(forward)
30
30
V
VRGM
Peak gate voltage
(reverse)
12
5
V
Switching Characteristics
TECT082
TECT095
Conditions
Units
di/dt
Critical rate of rise of
on-state current
200
200
Tj = Tjmax
A/µs
dV/dt
Critical rate of rise of
off-state voltage
1000
1000
Tj = Tjmax
V/µs
tq
Turn-off time, typ
450
400
Tj=Tjmax, IT=1000A
di/dt=-20A/µs
VR=50V
dV/dt=20V/µs
µs
Document TECT082,_095T001
max repetitive reverse
and off-state blocking
voltage
[V]
[V]
500
VL(RMS)
400
IDRM IRRM
@ Tjmax
70
VDRM VRRM
maximum suggested
RMS line voltage
Part Number
Parameters
Parameters
Parameters
70
70
1200
1600
70
75
1800
TECT095
2200
690
TECT082
550



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com