Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L09SQL1U Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G683L09SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L09SQL1U Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G683L09SQL1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G682/G683
Global Mixed-mode Technology
Ordering Information
ORDER
NUMBER
TEMP. RANGE
OUTPUT TYPE
PACKAGE
(Green)
G682LxxxTxxU
-40°C ~ +105°C
Push-Pull Active Low
SOT-23-5/SC-70-5
G682HxxxTxxU
-40°C ~ +105°C
Push-Pull Active High
SOT-23-5/SC-70-5
G683LxxxTxxU
-40°C ~ +105°C
Open Drain
SOT-23-5/SC-70-5
G682LxxxQL1U
-40°C ~ +105°C
Push-Pull Active Low
DFN1.6X1.6-6
G682HxxxQL1U
-40°C ~ +105°C
Push-Pull Active High
DFN1.6X1.6-6
G683LxxxQL1U
-40°C ~ +105°C
Open Drain
DFN1.6X1.6-6
G682LxxxA31U
-40°C ~ +105°C
Push-Pull Active Low
ADFN1.5X1.5-6
G682HxxxA31U
-40°C ~ +105°C
Push-Pull Active High
ADFN1.5X1.5-6
G683Lxxx A31U
-40°C ~ +105°C
Open Drain
ADFN1.5X1.5-6
Order Number Identification
G68XX
XXX
XX
X
X
Packing Type
Pin Option
Package Type
Threshold Voltage Option
Part Number
PART NUMBER
THRESHOLD VOLTAGE OPTION
G682L
G682H
G683L
: Push-Pull Active Low Output
: Push-Pull Active High Output
: Open-Drain Output
xxx specifies the threshold voltage.
e.g. 09T denotes the 0.788V threshold voltage.
09S denotes the 0.833V threshold voltage.
T:87.5%
S:92.5%
PACKAGE TYPE
PIN OPTION
T1 : SOT-23-5
1
2
3
4
5
6
TA :SC-70-5
SOT-23-5/SC-70-5
QL: DFN1.6X1.6-6
A3: ADFN1.5X1.5-6
1 : RESET
(RESET)
GND
VSEN
CD
VCC
---
2 : RESET
(RESET)
GND
VCC
VSEN
CD
---
DFN1.6X1.6-6
1 : RESET
(RESET)
GND
VCC
VSEN
NC
CD
ADFN1.5X1.5-6
PACKING TYPE
1 : RESET
(RESET)
GND
NC
CD
VSEN
VCC
U : Tape & Reel
*RESET for G682H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com