Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L09SQL1U Datasheet(PDF) 13 Page - Global Mixed-mode Technology Inc

Part # G683L09SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L09SQL1U Datasheet(HTML) 13 Page - Global Mixed-mode Technology Inc

Back Button G683L09SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 12Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 13Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 14Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 15Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 16Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 17Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
13
G682/G683
Global Mixed-mode Technology
Functional Diagram
Figure 2
Separated Sense Pin
Since the sense pin is separated from power supply, it
allows the IC to monitor added power supply. Using the
IC with the sense pin separated from power supply
enables output to maintain the state of detection even
when voltage of the monitored power supply drops to
0V.
Adjustable Reset Threshold (G68_ _09T_)
Since the VSEN pin of G68_ _09T_ is high impedance,
it can be used to adjust reset threshold. Connect two
resistors in series from the detected power to GND and
the divided voltage is compared to reset threshold
(0.788V typical). (Figure 3)
The voltage threshold is:
2
R
2
R
1
R
788
0
Vth
)
(
.
+
×
=
Figure 3
VREF
RESET
(RESET)
CD
+
OUTPUT
BUFFER
VCC
VREF
RESET
(RESET)
CD
+
OUTPUT
BUFFER
VCC
VSEN
Detect
Voltage
Internal Resistor Divide Sense Voltage
External Restor Divide Sense Voltage (only G68__09T_)
VREF
RESET
(RESET)
CD
+
OUTPUT
BUFFER
VCC
VREF
RESET
(RESET)
CD
+
OUTPUT
BUFFER
VCC
VSEN
Detect
Voltage
Internal Resistor Divide Sense Voltage
External Restor Divide Sense Voltage (only G68__09T_)
*The 100kΩ pull up resistor is only for G683L
VCC
VSEN
GND
RESET
(RESET)
CD
*100kΩ
Detect
Voltage
R1
R2
*The 100kΩ pull up resistor is only for G683L
VCC
VSEN
GND
RESET
(RESET)
CD
*100kΩ
Detect
Voltage
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com