Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L09SQL1U Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G683L09SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L09SQL1U Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G683L09SQL1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G683L09SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G682/G683
Global Mixed-mode Technology
Selector Guide
ORDER
NUMBER
RESET
THRESHOLD (V)
OUTPUT TYPE
MARKING
PACKAGE
(Green)
G682L09TTA2U
0.788(0.9*87.5%)
Push-Pull RESET
6BAx
SC-70-5
G682L09STA2U
0.833(0.9*92.5%)
Push-Pull RESET
6BBx
SC-70-5
G682L12TTA2U
1.050(1.2*87.5%)
Push-Pull RESET
6BCx
SC-70-5
G682L12STA2U
1.110(1.2*92.5%)
Push-Pull RESET
6BDx
SC-70-5
G682L15TTA2U
1.313(1.5*87.5%)
Push-Pull RESET
6BEx
SC-70-5
G682L15STA2U
1.388(1.5*92.5%)
Push-Pull RESET
6BFx
SC-70-5
G682L18TTA2U
1.575(1.8*87.5%)
Push-Pull RESET
6BGx
SC-70-5
G682L18STA2U
1.665(1.8*92.5%)
Push-Pull RESET
6BHx
SC-70-5
G682H09TTA2U
0.788(0.9*87.5%)
Push-Pull RESET
6BIx
SC-70-5
G682H09STA2U
0.833(0.9*92.5%)
Push-Pull RESET
6BJx
SC-70-5
G682H12TTA2U
1.050(1.2*87.5%)
Push-Pull RESET
6BKx
SC-70-5
G682H12STA2U
1.110(1.2*92.5%)
Push-Pull RESET
6BLx
SC-70-5
G682H15TTA2U
1.313(1.5*87.5%)
Push-Pull RESET
6BMx
SC-70-5
G682H15STA2U
1.388(1.5*92.5%)
Push-Pull RESET
6BNx
SC-70-5
G682H18TTA2U
1.575(1.8*87.5%)
Push-Pull RESET
6BOx
SC-70-5
G682H18STA2U
1.665(1.8*92.5%)
Push-Pull RESET
6BPx
SC-70-5
G683L09TTA2U
0.788(0.9*87.5%)
Open-Drain RESET
63Ix
SC-70-5
G683L09STA2U
0.833(0.9*92.5%)
Open-Drain RESET
63Jx
SC-70-5
G683L12TTA2U
1.050(1.2*87.5%)
Open-Drain RESET
63Kx
SC-70-5
G683L12STA2U
1.110(1.2*92.5%)
Open-Drain RESET
63Lx
SC-70-5
G683L15TTA2U
1.313(1.5*87.5%)
Open-Drain RESET
63Mx
SC-70-5
G683L15STA2U
1.388(1.5*92.5%)
Open-Drain RESET
63Nx
SC-70-5
G683L18TTA2U
1.575(1.8*87.5%)
Open-Drain RESET
63Ox
SC-70-5
G683L18STA2U
1.665(1.8*92.5%)
Open-Drain RESET
63Px
SC-70-5
Note: T: 87.5%
S:92.5%
TA: SC-70-5
2: Bonding Code
U: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com