Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L12SQL1U Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G683L12SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L12SQL1U Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G683L12SQL1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G682/G683
Global Mixed-mode Technology
Selector Guide
ORDER
NUMBER
RESET
THRESHOLD (V)
OUTPUT TYPE
MARKING
PACKAGE
(Green)
G682L09TTA1U
0.788(0.9*87.5%)
Push-Pull RESET
6AAx
SC-70-5
G682L09STA1U
0.833(0.9*92.5%)
Push-Pull RESET
6ABx
SC-70-5
G682L12TTA1U
1.050(1.2*87.5%)
Push-Pull RESET
6ACx
SC-70-5
G682L12STA1U
1.110(1.2*92.5%)
Push-Pull RESET
6ADx
SC-70-5
G682L15TTA1U
1.313(1.5*87.5%)
Push-Pull RESET
6AEx
SC-70-5
G682L15STA1U
1.388(1.5*92.5%)
Push-Pull RESET
6AFx
SC-70-5
G682L18TTA1U
1.575(1.8*87.5%)
Push-Pull RESET
6AGx
SC-70-5
G682L18STA1U
1.665(1.8*92.5%)
Push-Pull RESET
6AHx
SC-70-5
G682H09TTA1U
0.788(0.9*87.5%)
Push-Pull RESET
6AIx
SC-70-5
G682H09STA1U
0.833(0.9*92.5%)
Push-Pull RESET
6AJx
SC-70-5
G682H12TTA1U
1.050(1.2*87.5%)
Push-Pull RESET
6AKx
SC-70-5
G682H12STA1U
1.110(1.2*92.5%)
Push-Pull RESET
6ALx
SC-70-5
G682H15TTA1U
1.313(1.5*87.5%)
Push-Pull RESET
6AMx
SC-70-5
G682H15STA1U
1.388(1.5*92.5%)
Push-Pull RESET
6ANx
SC-70-5
G682H18TTA1U
1.575(1.8*87.5%)
Push-Pull RESET
6AOx
SC-70-5
G682H18STA1U
1.665(1.8*92.5%)
Push-Pull RESET
6APx
SC-70-5
G683L09TTA1U
0.788(0.9*87.5%)
Open-Drain RESET
63Ax
SC-70-5
G683L09STA1U
0.833(0.9*92.5%)
Open-Drain RESET
63Bx
SC-70-5
G683L12TTA1U
1.050(1.2*87.5%)
Open-Drain RESET
63Cx
SC-70-5
G683L12STA1U
1.110(1.2*92.5%)
Open-Drain RESET
63Dx
SC-70-5
G683L15TTA1U
1.313(1.5*87.5%)
Open-Drain RESET
63Ex
SC-70-5
G683L15STA1U
1.388(1.5*92.5%)
Open-Drain RESET
63Fx
SC-70-5
G683L18TTA1U
1.575(1.8*87.5%)
Open-Drain RESET
63Gx
SC-70-5
G683L18STA1U
1.665(1.8*92.5%)
Open-Drain RESET
63Hx
SC-70-5
Note: T: 87.5%
S:92.5%
TA: SC-70-5
1: Bonding Code
U: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com