Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L12SQL1U Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G683L12SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L12SQL1U Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G683L12SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 12Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 13Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G682/G683
Global Mixed-mode Technology
Absolute Maximum Ratings
All Voltages Referenced to GND
VCC, VSEN.. . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6.0V
CD. . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to (VCC +0.3V)
RESET , RESET (Push-Pull) . . . . .-0.3V to (VCC + 0.3V)
RESET (Open Drain) . . . . . . . . . . . . . .-0.3V to +6.0V
Input Current (All Pins) . . . . . . . . . . . . . . . . . . . ±20mA
Output Current ( RESET , RESET) . . . . . . . . . . ±20mA
Thermal Resistance Junction to Ambient, (
θJA)*
SOT-23-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250°C/W
SC-70-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .430°C/W
DFN1.6X1.6-6. . . . . . .. . . . . . . . . . . . . . . . . . . . . . . . .TBD
ADFN1.5X1.5-6. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD
Continuous Power Dissipation (TA = +25°C)*
SOT-23-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5W
SC-70-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3W
DFN1.6X1.6-6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD
ADFN1.5X1.5-6. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD
Thermal Resistance Junction to Case, (
θJC)
SOT-23-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60°C/W
SC-70-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .180°C/W
DFN1.6X1.6-6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD
ADFN1.5X1.5-6. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD
Operating Temperature Range . . . . . .-40°C to +125°C
Storage Temperature Range . . . . . . -65°C to +150°C
Reflow Temperature (soldering, 10sec) . . . . . . . 260°C
ESD (HBM) (1). . . . . . . . . . . . . . . . . . . . . . . . . .. . . . .2kV
*Please refer to Minimum Footprint PCB Layout Section.
(1) Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Electrical Characteristics
VCC =3.3V, TA=25°C.
The device is not guaranteed to function outside its operating conditions. Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VCC
2.7
---
5.5
V
VCC=5V
---
12
25
Supply Current
ICC
VCC=3.3V
---
10
20
µA
VSEN Reset Threshold Accuracy
VTH
VSEN from high to low
VTH- -2%
---
VTH- +2%
V
VTH- =0.788
---
0
---
Hysteresis
VHYST
Other Versions
---
2
---
%
VSEN to RESET Delay
TRD
VSEN < VTH- -0.2V
---
30
80
µS
RESET Timeout Period
TRP
CD=4.7nF, VSEN > VTH+ +0.2V
7.2
9
12.5
mS
VCD Ramp Threshold
VCD-RAMP
Vcc=2.7 to 5.5V (VCD rising)
0.774
0.788
0.818
V
RESET
Output Voltage LOW
VOL
Vcc=4.5V, ISINK=3.2mA
---
---
0.3
V
RESET
Output Voltage High
VOH
Vcc=4.5V, ISOURCE=800µA
0.8x Vcc
---
---
V
RESET
Output Leakage Current
(Open-drain)
ILKG
VSEN >VTH+, reset not asserted
---
---
1
µA
RESET Output Voltage LOW
VOL
Vcc=4.5V, ISINK=3.2mA
---
---
0.3
V
RESET Output Voltage High
VOH
Vcc=4.5V, ISOURCE=800µA
0.8x Vcc
---
---
V
VTH=0.788
---
---
1
VSEN Leakage Current
Other Versions (VSEN=3V)
---
---
5
µA
Pin Description
PIN
T11/TA1
T12/TA2
DFN1.6X1.6-6
ADFN1.5X1.5-6
NAME
FUNCTION
1
1
1
1
RESET
(or RESET) Active Low (or High) Reset Output
2
2
2
2
GND
Ground
3
4
4
5
VSEN
Voltage Sense
4
5
6
4
CD
Delay Capacitance
5
3
3
6
VCC
Supply Voltage
5
3
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com