Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L12SQL1U Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # G683L12SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L12SQL1U Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button G683L12SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 12Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 13Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 14Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 15Page - Global Mixed-mode Technology Inc G683L12SQL1U Datasheet HTML 16Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
12
G682/G683
Global Mixed-mode Technology
Detailed Description
A microprocessor’s (μP’s) reset input starts the μP in a
known state. The G682L/G682H/G683L assert reset to
prevent
code-execution
errors
during
power-up,
power-down, or brownout conditions. Since the sense
pin is separated from power supply, it allows the IC to
monitor added power supply.
They assert a reset signal
whenever the Vsen supply voltage declines below a
preset threshold (VTH-), keeping it asserted for time de-
lay set by capacitor connected to CD pin, after Vsen has
risen above the high reset threshold VTH+ (VTH-+VHYS).
The G683L uses an open-drain output, and the
G682L/G682H have a push-pull output stage. Connect
a pull-up resistor on the G683L’s RESET output to
any supply between 0 and 5.5V. The time delay is set
by external capacitor CD, and internal pull up current ICD.
When the voltage at CD pin exceeds the buffer thresh-
old, typically 0.788V, the RESET output high (RESET
output low). The voltage detector and buffer have
built-in hysterisis to prevent erratic reset operation. The
formula of time delay is T (ms) ≅ 2.7
×CD (nF). Figure1
and Figure2 show Timing and Functional Block Dia-
grams.
Timing Diagram
Figure 1
V
SEN
VTH+
VTH-
V
CC
V
CC
V
CC
0V
0V
tRP
V
SEN
Reset Output
(Active Low), Pin 1
Reset Output
(Active High), Pin 1
CD Threshold, 0.788V
* tRP (ms) ≅ 2.7 × CD (nF) (TYP)
*
0V
V
SEN
VTH+
VTH-
V
CC
V
CC
V
CC
0V
0V
tRP
V
SEN
Reset Output
(Active Low), Pin 1
Reset Output
(Active High), Pin 1
CD Threshold, 0.788V
* tRP (ms) ≅ 2.7 × CD (nF) (TYP)
*
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com