Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVAL3501 Datasheet(PDF) 2 Page - California Eastern Labs

Part # THEVAL3501
Description  16-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3501 Datasheet(HTML) 2 Page - California Eastern Labs

  THEVAL3501 Datasheet HTML 1Page - California Eastern Labs THEVAL3501 Datasheet HTML 2Page - California Eastern Labs THEVAL3501 Datasheet HTML 3Page - California Eastern Labs THEVAL3501 Datasheet HTML 4Page - California Eastern Labs THEVAL3501 Datasheet HTML 5Page - California Eastern Labs THEVAL3501 Datasheet HTML 6Page - California Eastern Labs THEVAL3501 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Security E
THAN0163_Rev.2.00_E
THine Electronics, Inc.
1/6
Copyright(C)2015 THine Electronics, Inc.
THL3501 Evaluation Board (THEVAL3501)
16-channel LED Driver with LVDS Interface
Overview
TheTHL3501isanLEDdriverwith16channelopen-drain
outputs.
TheembeddedoscillatorandPWMcontroller individually
generates256-stepbrightnesssetbythe dedicatedregistersfor
eachchannel.
Theserialinterfaceof2-pairLVDSlines(clockand data)features
high-levelnoisetolerance,high-speed,and long-distance
transmission.
TheLVDSallowingcascadedandmulti-dropconnection
offersthemaximumflexibilityfordesignerstoplaceand
connectLEDdrivers.
Thesimpleandone-waycommunicationprotocolis
easily-controlledandrequireslessCPUresources.
Applications
Amusement
LEDBacklight
LEDDisplay
DigitalSignage
Illumination
Features
<Driverpart>
-Open-DrainOutput:16channels
-OutputSinkCurrent:upto100mA/ch
-Outputvoltage:upto40V
-IndividualBrightnessControl:256steps
-GroupBrightnessControl:64steps
-Outputdisable/enable
<Serialinterfacepart>
-2-pairSerialLVDSInputor3-wireSerialCMOSInput upto
10Mbps
-BridgeFunctionConverting3-wireSerial CMOSInputto
2-pairSerialLVDSOutput
-Repeaterfunctionof2-pairSerialLVDSInput/Output with
WaveformandTimingCorrection
-DeviceAddressSelectionupto62addresses
-Generalcalltoalldevices
<ProtectionCircuits>
-UVLO,OvercurrentProtection,ThermalShutdown
-SupplyVoltage:3.0~5.5V
-Package:QFN40-pinExposedPad
Description
LED (16pcs)
THL3501
Power supply and
control signal output pins
Switch to set such as
the device address
External power supply
input pins
Power supply and
control signal input pins
Figure 1 Board Overview



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com