Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVAL3501 Datasheet(PDF) 6 Page - California Eastern Labs

Part # THEVAL3501
Description  16-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3501 Datasheet(HTML) 6 Page - California Eastern Labs

  THEVAL3501 Datasheet HTML 1Page - California Eastern Labs THEVAL3501 Datasheet HTML 2Page - California Eastern Labs THEVAL3501 Datasheet HTML 3Page - California Eastern Labs THEVAL3501 Datasheet HTML 4Page - California Eastern Labs THEVAL3501 Datasheet HTML 5Page - California Eastern Labs THEVAL3501 Datasheet HTML 6Page - California Eastern Labs THEVAL3501 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Security E
THAN0163_Rev.2.00_E
THine Electronics, Inc.
5/6
Copyright(C)2015 THine Electronics, Inc.
■Bill of materials
Table 2
Bill of materials
#
Designator
Description
Size
Part Number
Manufacturer
1
C500
Capacitor
3225
GRM32EB31H106KA12
Murata
2
C501
Capacitor
3225
GRM32EB31H106KA12
Murata
3
C502
Capacitor
3225
GRM32EB31H106KA12
Murata
4
C503
Capacitor
3225
GRM32EB31H106KA12
Murata
5
C504
Capacitor
1608
GRM188B31H104KA92
Murata
6
C505
Capacitor
1608
GRM188B31H104KA92
Murata
7
C506
Capacitor
3225
GRM32EB31H106KA12
Murata
8
C507
Capacitor
3225
GRM32EB31H106KA12
Murata
9
C508
Capacitor
3225
GRM32EB31H106KA12
Murata
10
C512
Capacitor
1608
GRM188B31H104KA92
Murata
11
CON500
Connector
ML-800-S1H-3P
Sato-parts
12
CON502
Nylon Connector
B10B-PH-K-S(LF)(SN)
JST
13
CON503
Nylon Connector
B10B-PH-K-S(LF)(SN)
JST
14
D500
LED (Red)
SML-210LT
Rohm
15
IC500
LED Driver
QFN40
THL3501
THine
16
JP500
Pin Header
2.54mm pitch
JTW-2500
Hirosugi-Keiki
17
JP501
Pin Header
2.54mm pitch
JTW-2500
Hirosugi-Keiki
18
JP502
Pin Header
2.54mm pitch
JTW-2500
Hirosugi-Keiki
19
L500
Bead
4516
BLM41PG600SN1L
Murata
20
L502
Bead
4516
BLM41PG600SN1L
Murata
21
L503
Bead
4516
BLM41PG600SN1L
Murata
22
L504
Bead
4516
BLM41PG600SN1L
Murata
23
L505
Bead
4516
BLM41PG600SN1L
Murata
24
L506
Bead
4516
BLM41PG600SN1L
Murata
25
L507
Bead
4516
BLM41PG600SN1L
Murata
26
LED500
LED
2012
PY1112H-TR
Stanley
27
LED501
LED
2012
PY1112H-TR
Stanley
28
LED502
LED
2012
PY1112H-TR
Stanley
29
LED503
LED
2012
PY1112H-TR
Stanley
30
LED504
LED
2012
PY1112H-TR
Stanley
31
LED505
LED
2012
PY1112H-TR
Stanley
32
LED506
LED
2012
PY1112H-TR
Stanley
33
LED507
LED
2012
PY1112H-TR
Stanley
34
LED508
LED
2012
PY1112H-TR
Stanley
35
LED509
LED
2012
PY1112H-TR
Stanley
36
LED510
LED
2012
PY1112H-TR
Stanley
37
LED511
LED
2012
PY1112H-TR
Stanley
38
LED512
LED
2012
PY1112H-TR
Stanley
39
LED513
LED
2012
PY1112H-TR
Stanley
40
LED514
LED
2012
PY1112H-TR
Stanley
41
LED515
LED
2012
PY1112H-TR
Stanley
42
R500
Resistor
1608
RK73B1JBK151J
KOA
43
R501
Resistor
1608
RK73B1JBK151J
KOA
44
R502
Resistor
1608
RK73B1JBK151J
KOA
45
R503
Resistor
1608
RK73B1JBK151J
KOA
46
R504
Resistor
1608
RK73B1JBK151J
KOA
47
R505
Resistor
1608
RK73B1JBK151J
KOA
48
R506
Resistor
1608
RK73B1JBK151J
KOA
49
R507
Resistor
1608
RK73B1JBK151J
KOA
50
R508
Resistor
1608
RK73B1JBK151J
KOA
51
R509
Resistor
1608
RK73B1JBK151J
KOA
52
R510
Resistor
1608
RK73B1JBK151J
KOA
53
R511
Resistor
1608
RK73B1JBK151J
KOA
54
R512
Resistor
1608
RK73B1JBK331J
KOA
55
R513
Resistor
1608
RK73B1JBK151J
KOA
56
R514
Resistor
1608
RK73B1JBK151J
KOA
57
R515
Resistor
1608
RK73B1JBK151J
KOA
58
R516
Resistor
1608
RK73B1JBK151J
KOA
59
R517
Resistor
1608
RK73B1JBK101J
KOA
60
R518
Resistor
1608
RK73B1JBK101J
KOA
61
R519
Resistor
1608
RK73B1JBK101J
KOA
62
R520
Resistor
1608
RK73B1JBK101J
KOA
63
RN500
Resistor Array
3216
CN1J4TTD103J
KOA
64
RN501
Resistor Array
3216
CN1J4TTD103J
KOA
65
SW500
DIP Switch
A6S-8101-H
Omron



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com