Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVAL3501 Datasheet(PDF) 4 Page - California Eastern Labs

Part # THEVAL3501
Description  16-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3501 Datasheet(HTML) 4 Page - California Eastern Labs

  THEVAL3501 Datasheet HTML 1Page - California Eastern Labs THEVAL3501 Datasheet HTML 2Page - California Eastern Labs THEVAL3501 Datasheet HTML 3Page - California Eastern Labs THEVAL3501 Datasheet HTML 4Page - California Eastern Labs THEVAL3501 Datasheet HTML 5Page - California Eastern Labs THEVAL3501 Datasheet HTML 6Page - California Eastern Labs THEVAL3501 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Security E
THAN0163_Rev.2.00_E
THine Electronics, Inc.
3/6
Copyright(C)2015 THine Electronics, Inc.
■Dip-Switch Setting
Dip-Switch can set the device address and the control signal input mode.
#2_TEST always set to Low.
1) Setting of the device address.
Device address can set the A0 to A5. Switch is the Low level when the ON side.
2) Setting of the control signal input mode.
Please refer to the following control signal input mode settings.
Table 1 Control signal input mode
Input Mode
MODE pin
3 wire serial CMOS
High
2 wire serial LVDS
Low
Figure 5 Example for DIP-Switch
■Input Mode Setting
In the case of change the control signal input mode, The following processing is required.
1) To 2 wire serial LVDS input: Please implement the 100 ohm resister to R517 and R519.
(Factory default settings)
2) To 3 wire serial CMOS input: Please remove the 100 ohm resister from R517 and R519.
Figure 6 Processed terminal resister



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com