Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5770R Datasheet(PDF) 39 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5770R Datasheet HTML 35Page - Analog Devices AD5770R Datasheet HTML 36Page - Analog Devices AD5770R Datasheet HTML 37Page - Analog Devices AD5770R Datasheet HTML 38Page - Analog Devices AD5770R Datasheet HTML 39Page - Analog Devices AD5770R Datasheet HTML 40Page - Analog Devices AD5770R Datasheet HTML 41Page - Analog Devices AD5770R Datasheet HTML 42Page - Analog Devices AD5770R Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 39 of 59
Bits
Bit Name
Description
Reset
Access
[2:0]
Reserved
Reserved.
0x0
R
Address: 0x03, Reset: 0x08, Name: CHIP_TYPE
Chip Type
0
0
1
0
2
0
3
1
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] CHIP_TYPE (R)
Table 16. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Chip type. Precision DAC chip type = 0x08.
0x8
R
Address: 0x04, Reset: 0x04, Name: PRODUCT_ID_L
Product ID
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID[7:0] (R)
Table 17. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID. AD5770R product ID = 0x4004.
0x4
R
Address: 0x05, Reset: 0x40, Name: PRODUCT_ID_H
Product ID
0
0
1
0
2
0
3
0
4
0
5
0
6
1
7
0
[7:0] PRODUCT_ID[15:8] (R)
Table 18. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product ID. AD5770R product ID = 0x4004.
0x40
R
Address: 0x06, Reset: 0x00, Name: CHIP_GRADE
Device Grade
Device Revis ion
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] GRADE (R)
[3:0] DEVICE_REVISION (R)
Table 19. Bit Descriptions for CHIP_GRADE
Bits
Bit Name
Description
Reset
Access
[7:4]
Grade
Device grade
0x0
R
[3:0]
DEVICE_REVISION
Device revision
0x0
R
Address: 0x0A, Reset: 0x00, Name: SCRATCH_PAD
Scratch Pad
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VALUE (R/W)
Table 20. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Description
Reset
Access
[7:0]
Value
Scratch pad. Use this is register to test communication with the device.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com