Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5770R Datasheet(PDF) 42 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 42 Page - Analog Devices

Back Button AD5770R Datasheet HTML 38Page - Analog Devices AD5770R Datasheet HTML 39Page - Analog Devices AD5770R Datasheet HTML 40Page - Analog Devices AD5770R Datasheet HTML 41Page - Analog Devices AD5770R Datasheet HTML 42Page - Analog Devices AD5770R Datasheet HTML 43Page - Analog Devices AD5770R Datasheet HTML 44Page - Analog Devices AD5770R Datasheet HTML 45Page - Analog Devices AD5770R Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 42 of 59
Bits
Bit Name
Description
Reset
Access
0: output shutdown.
1: normal operation.
Address: 0x15, Reset: 0x00, Name: OUTPUT_RANGE_CH0
Channel 0 Output Range Scaling
Channel 0 Output Range Mode
10: -60m A to 300m A.
01: -60m A to 0m A.
00: 0m A to 300m A.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] CH0_OUTPUT_SCALING (R/W)
[1:0] CH0_MODE (R/W)
Table 28. Bit Descriptions for OUTPUT_RANGE_CH0
Bits
Bit Name
Description
Reset
Access
[7:2]
CH0_OUTPUT_SCALING
Channel 0 output range scaling. These bits set the output range scaling factor for
Channel 0. Output scaling must only be used when in a sourcing current mode.
0x0
R/W
[1:0]
CH0_MODE
Channel 0 output range mode. These bits select the output range mode for Channel 0.
0x0
R/W
00: 0 mA to 300 mA.
01: −60 mA to 0 mA.
10: −60 mA to +300 mA.
Address: 0x16, Reset: 0x02, Name: OUTPUT_RANGE_CH1
Channel 1 Output Range Scaling
Channel 1 Output Range Mode
11: 0m A to 250m A.
10: 0m A to 140m A - Low Noise.
01: 0m A to 140m A - Low Headroom .
0
0
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] CH1_OUTPUT_SCALING (R/W)
[1:0] CH1_MODE (R/W)
Table 29. Bit Descriptions for OUTPUT_RANGE_CH1
Bits
Bit Name
Description
Reset
Access
[7:2]
CH1_OUTPUT_SCALING
Channel 1 output range scaling. These bits set the output range scaling factor for
Channel 1.
0x0
R/W
[1:0]
CH1_MODE
Channel 1 output range mode. These bits select the output range mode for Channel 1.
0x2
R/W
01: 0 mA to 140 mA low headroom.
10: 0 mA to 140 mA low noise.
11: 0 mA to 250 mA.
Address: 0x17, Reset: 0x00, Name: OUTPUT_RANGE_CH2
Channel 2 Output Range Scaling
Channel 2 Output Range Mode
1: 0m A to 150m A.
0: 0m A to 55m A.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] CH2_OUTPUT_SCALING (R/W)
[0] CH2_MODE (R/W)
[1] RESERVED
Table 30. Bit Descriptions for OUTPUT_RANGE_CH2
Bits
Bit Name
Description
Reset
Access
[7:2]
CH2_OUTPUT_SCALING
Channel 2 output range scaling. These bits set the output range scaling factor for
Channel 2.
0x0
R/W
1
Reserved
Reserved.
0x0
R
0
CH2_MODE
Channel 2 output range mode. This bit selects the output range mode for Channel 2.
0x0
R/W
0: 0 mA to 55 mA.
1: 0 mA to 150 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com