Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5770R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5770R Datasheet HTML 17Page - Analog Devices AD5770R Datasheet HTML 18Page - Analog Devices AD5770R Datasheet HTML 19Page - Analog Devices AD5770R Datasheet HTML 20Page - Analog Devices AD5770R Datasheet HTML 21Page - Analog Devices AD5770R Datasheet HTML 22Page - Analog Devices AD5770R Datasheet HTML 23Page - Analog Devices AD5770R Datasheet HTML 24Page - Analog Devices AD5770R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 21 of 59
600
500
400
300
200
100
0
–100
–200
–300
–400
–500
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (µs)
4.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ATTACK CH0 ZS TO FS
ATTACK CH0 FS TO ZS
ATTACK CH1 ZS TO FS
ATTACK CH1 FS TO ZS
ATTACK CH2 ZS TO FS
ATTACK CH2 FS TO ZS
ATTACK CH4 ZS TO FS
ATTACK CH4 FS TO ZS
ATTACK CH5 ZS TO FS
ATTACK CH5 FS TO ZS
CS
Figure 57. Digital Crosstalk
4.5
–1.0
–200
0
200
400
600
800
1000
TIME (ns)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RESET
RLOAD IOUT3 = 10Ω
Figure 58. Reset Glitch
1.2535
1.2510
–50
110
TEMPERATURE (°C)
1.2515
1.2520
1.2525
1.2530
–30
–10
10
30
50
70
90
Figure 59. VREF vs. Temperature for Devices for Five
AD5770R Devices
1.2
0.4
0.6
0.9
1.1
0.8
0.5
0.7
1.0
–50
–10
–30
110
10
30
50
70
90
TEMPERATURE (°C)
EXTERNAL BIAS (100µA)
EXTERNAL BIAS (200µA)
INTERNAL BIAS (10µA)
Figure 60. Diode Voltage vs. Temperature
1
0
110
170
120
130
140
150
160
DIE TEMPERATURE (°C)
COOLING DOWN
HEATING UP
Figure 61. Overheat Warning
1
0
110
155
DIE TEMPERATURE (°C)
COOLING DOWN
HEATING UP
115
120
125
130
135
140
145
150
Figure 62. Overheat Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com