Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9174 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9174 Datasheet HTML 61Page - Analog Devices AD9174 Datasheet HTML 62Page - Analog Devices AD9174 Datasheet HTML 63Page - Analog Devices AD9174 Datasheet HTML 64Page - Analog Devices AD9174 Datasheet HTML 65Page - Analog Devices AD9174 Datasheet HTML 66Page - Analog Devices AD9174 Datasheet HTML 67Page - Analog Devices AD9174 Datasheet HTML 68Page - Analog Devices AD9174 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 65 of 164
Complex Modulator Switch Configurations
The switch configurations described previously only support
complex samples with the NCO bypassed. To support complex
samples where the NCO is used, Configuration 3 can be
additionally reconfigured to operate on complex samples at the
output of the NCO(s), controlled by the EN_CMPLX_MOD bit
(Register 0x112, Bit 6). The specific configuration also depends
on whether NCO1 is enabled, as shown in Figure 85 and Figure 86.
To set up Configuration 3A, set the EN_CMPLX_MOD bit to 1
and set the switch to Configuration 3, with both NCO0 and
NCO1 enabled. The quadrature output of the NCO from each
main datapath is also routed to DAC1 (no longer sends zero
data out of DAC1 as in the default Configuration 3, shown in
Figure 84). If NCO1 is disabled and EN_CMPLX_MOD = 1,
the real output of NCO0 is sent to DAC0 and the quadrature
output of the NCO0 is set to DAC 1. This setup is similar to
Configuration 2, but with the samples picked up at the output of
NCO0 (see Figure 85 and Figure 86).
The divide by 2 block at the input of the mux switch can be
disabled using the CMPLX_MOD_DIV2_DISABLE bit in
Register 0x0FF. Otherwise, the output at DAC0 and DAC1 is
6 dB lower than anticipated because the divide by 2 block is
enabled by default.
The complete list of SPI writes required to enable each
configuration is shown in Table 48.
÷2
NCO
DAC0 I DATA
÷2
SUM OF I NCO OUT DATA
TO DAC0 CORE
DAC0 Q DATA
NCO
DAC1 I DATA
SUM OF Q NCO OUT DATA
TO DAC1 CORE
DAC0 MOD SWITCH MODE
DAC1 MOD SWITCH MODE
DAC1 Q DATA
Figure 85. Configuration 3A, EN_CMPLX_MOD = 1, CMPLX_MOD_DIV2_DISABLE = 0, both Main NCOs Enabled—DAC0 = I0_NCO + I1_NCO, DAC1 = Q0_NCO +
Q1_NCO
NCO
DAC0 I DATA
DAC0 I NCO OUT DATA
TO DAC0 CORE
DAC0 Q DATA
NCO
DAC1 I DATA
DAC0 Q NCO OUT DATA
TO DAC1 CORE
DAC0 MOD SWITCH MODE
DAC1 MOD SWITCH MODE
DAC1 Q DATA
Figure 86. Configuration 3B, EN_CMPLX_MOD = 1, CMPLX_MOD_DIV2_DISABLE = 1, DAC 1 Main NCO Disabled—DAC0 = I0_NCO, DAC1 = Q0_NCO
Table 48. Required SPI Writes for Each Modulator Switch Configuration
Configuration
Register 0x112, Bit 6
(EN_COMPLEX_MOD)
Register 0x112,
Bits[5:4] (DDSM_
MODE)
Register 0x112, Bit 3
(Paged)
Register 0x0FF,
Bit 1 (CMPLX_MOD_
DIV2_DISABLE)
NCO0
Enable
NCO1
Enable
Configuration 0
0
0
1
1
0
Configuration 1
0
1
0
0
0
Configuration 2
0
2
0
0
0
Configuration 3
0
3
1
1
0
Complex Configuration 3A
1
3
1
1
0
Complex Configuration 3B
1
3
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com