Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9174 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9174 Datasheet HTML 25Page - Analog Devices AD9174 Datasheet HTML 26Page - Analog Devices AD9174 Datasheet HTML 27Page - Analog Devices AD9174 Datasheet HTML 28Page - Analog Devices AD9174 Datasheet HTML 29Page - Analog Devices AD9174 Datasheet HTML 30Page - Analog Devices AD9174 Datasheet HTML 31Page - Analog Devices AD9174 Datasheet HTML 32Page - Analog Devices AD9174 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 29 of 164
Table 13. JESD204B Supported Operating Modes and Interpolation Combinations
Application
JESD204B Operation Modes
Channel Datapath
Main DAC Datapath
Maximum
Instantaneous
Bandwidth
(MHz)3
Link
Modes
JESD204B
Modes
Lanes
per
Link
Channels
per DAC
Maximum
Channel Data
Rate (MSPS)1
Channel
Inter-
polation
Main Datapath
Interpolation
Maximum
DAC Rate
(GSPS)2
Channelizer Modes (All
Complex)
375 MHz
(N = 16 Bits)
Single-Channel
Single,
dual
0
1
1
385
2×
8×
6.16
308
0
1
1
385
4×, 6×
6×, 8×
12.6
308
Dual-Channel
Single,
dual
1
2
2
385
4×, 6×
6×, 8×
12.6
616
Triple-Channel
Single,
dual
2
3
3
385
4×, 6×
6×, 8×
12.6
924
500 MHz
(N = 12 Bits)
Single-Channel
Single,
dual
5
1
1
513
2×
6×
6.16
410.4
5
1
1
513
3×
6×, 8×
12.6
410.4
Dual-Channel
Single,
dual
6
2
2
513
3×
6×, 8×
12.6
750 MHz
(N = 16 Bits)
Single-Channel
Single,
dual
3
2
1
770
1×
8×
6.16
616
3
2
1
770
2×, 3×
6×, 8×
12.6
616
Dual-Channel
Single,
dual
4
4
2
770
2×, 3×
6×, 8×
12.6
616
4
4
2
385
4×
8×
12.6
308
187 MHz
(N = 16 Bits)
Dual-Channel
Single,
dual
7
1
2
192.5
8×
6×, 8×
12.6
154
Wideband Modes
(Complex or Real)
3000 MHz
(N = 16 Bits)
Complex
Single
10, 11
8
1
3080
1×
2×, 4×
12.6
2464
Real, Dual-DAC
Single
10, 11
8
1
3080
1×
1×
3.08
1540
Real, Single- or
Dual-DAC
Single,
dual
18, 19
4
1
3080
1×
1×
3.08
1540
1500 MHz
(N = 16 Bits)
Complex, Dual-
DAC
Single,
dual
8, 9
4
24
1540
1×
2×, 4×, 6×, 8×,
12×
12.6
24644
4000 MHz
(N = 12 Bits)
Complex
Single
12
8
1
4100
1×
2×5
8.2
3280
Real, Dual-DAC
Single
12
8
1
4100
1x
1x
4.1
2050
2000 MHz
(N = 12 Bits)
Complex, Dual-
DAC
Single,
dual
22
4
24
2050
1×
4×, 6×
12.6
32804
6000 MHz
(N = 16 Bits)
Real, Single-DAC
Single
20, 21
8
1
6160
1×
1×
6.16
3080
1
The maximum data rate is calculated based on a maximum lane rate as listed in Table 7. The data rate is calculated based on the formula lane rate = (10/8) × NP × data rate ×
(M/L), where the NP, M, and L values depend on the selected mode.
2
The maximum DAC rate per mode depends on the voltage tolerance as well as the lane rate for a given configuration, as listed in Table 3. The maximum possible lane
rate is according to Table 7.
3
For complex modes, instantaneous bandwidth (IBW) is the bandwidth that both I and Q occupy (referred to as the combined I/Q bandwidth). The bandwidth for
complex modes is in part limited by the bandwidth of the interpolation filters. When the interpolation filters are bypassed to configure the AD9174 in real only mode,
IBW = ½ × data rate.
4
With a correct modulator switch configuration, the AD9174 can be configured to operate as a wideband, dual-channel DAC, with each channel to include its own main
datapath NCO. In this case, the modulator switch is configured to act as a summing node that feeds complex data from two datapaths to a single DAC core.
5
Only supported when JESD204B is configured for Subclass 1 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com