Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9174 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9174 Datasheet HTML 69Page - Analog Devices AD9174 Datasheet HTML 70Page - Analog Devices AD9174 Datasheet HTML 71Page - Analog Devices AD9174 Datasheet HTML 72Page - Analog Devices AD9174 Datasheet HTML 73Page - Analog Devices AD9174 Datasheet HTML 74Page - Analog Devices AD9174 Datasheet HTML 75Page - Analog Devices AD9174 Datasheet HTML 76Page - Analog Devices AD9174 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 73 of 164
If using the top layer of the PCB is problematic or the advantages of
stripline are desirable, follow these recommendations:
•
Minimize the number of vias.
•
If possible, use blind vias to eliminate via stub effects and
use microvias to minimize via inductance.
•
If using standard vias, use the maximum via length to
minimize the stub size. For example, on an 8-layer board,
use Layer 7 for the stripline pair (see Figure 94).
•
For each via pair, place a pair of ground vias adjacent to them
to minimize the impedance discontinuity (see Figure 94).
LAYER 1
LAYER 2
LAYER 3
LAYER 4
LAYER 5
LAYER 6
LAYER 7
LAYER 8
MINIMIZE STUB EFFECT
GND
GND
DIFF–
DIFF+
y
y
y
ADD GROUND VIAS
STANDARD VIA
Figure 94. Minimizing Stub Effect and Adding Ground Vias for Differential
Stripline Traces
Return Loss
The JESD204B specification limits the amount of return loss
allowed in a converter device and a logic device but does not
specify return loss for the channel. However, make every effort
to maintain a continuous impedance on the transmission line
between the transmitting logic device and the AD9174.
Minimizing the use of vias, or eliminating them entirely,
reduces one of the primary sources for impedance mismatches
on a transmission line (see the Insertion Loss section). Maintain
a solid reference beneath (for microstrip) or above and below
(for stripline) the differential traces to ensure continuity in the
impedance of the transmission line. If the stripline technique is
used, follow the guidelines listed in the Insertion Loss section to
minimize impedance mismatches and stub effects.
Another primary source for impedance mismatch is at either
end of the transmission line, where care must be taken to match
the impedance of the termination to that of the transmission
line. The AD9174 handles this matching internally with a
calibrated termination scheme for the receiving end of the line.
See the Interface Power-Up and Input Termination section for
details on this circuit and the calibration routine.
Signal Skew
There are many sources for signal skew, but the two sources to
consider when laying out a PCB are interconnect skew within a
single JESD204B link and skew between multiple JESD204B
links. In each case, keeping the channel lengths matched to
within 10 mm (calculated by 12.5 mm × (12.5 Gbps/15.4 Gbps))
is adequate for operating the JESD204B link at speeds of up to
15.4 Gbps. This amount of channel length match is equivalent
to about 85% UI on the AD9174-FMC-EBZ evaluation board.
Managing the interconnect skew within a single link is
straightforward. Managing multiple links across multiple
devices is more complex. However, follow the 10 mm guideline
for length matching. The AD9174 can handle more skew than
the 85% UI due to the 6 PCLK buffer in the JESD204B receiver,
but matching the channel lengths as close as possible is still
recommended.
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to
ground for each half of the pair. Stripline vs. microstrip trade-
offs are described in the Insertion Loss section. In either case, it
is important to keep these transmission lines separated from
potential noise sources, such as high speed digital signals and
noisy supplies. If using stripline differential traces, route them
using a coplanar method, with both traces on the same layer.
Although this method does not offer more noise immunity than
the broadside routing method (traces routed on adjacent
layers), it is easier to route and manufacture so that the
impedance continuity is maintained. Broadside vs. coplanar
differential transmitter (Tx) lines are shown in Figure 95.
Tx DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
ACTIVE
Tx DIFF B
Tx ACTIVE
BROADSIDE DIFFERENTIAL Tx LINES
COPLANAR DIFFERENTIAL Tx LINES
Figure 95. Broadside vs. Coplanar Differential Stripline Routing Techniques
When considering the trace width vs. copper weight and
thickness, the speed of the interface must be considered. At
multigigabit speeds, the skin effect of the conducting material
confines the current flow to the surface. Maximize the surface
area of the conductor by making the trace width wider to
reduce the losses. Additionally, loosely couple differential traces
to accommodate the wider trace widths. This coupling helps
reduce the crosstalk and minimize the impedance mismatch
when the traces must separate to accommodate components,
vias, connectors, or other routing obstacles. Tightly coupled vs.
loosely coupled differential traces are shown in Figure 96.
Tx
DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
DIFF B
TIGHTLY COUPLED
DIFFERENTIAL Tx LINES
LOOSELY COUPLED
DIFFERENTIAL Tx LINES
Figure 96. Tightly Coupled vs. Loosely Coupled Differential Traces
AC Coupling Capacitors
The AD9174 requires that the JESD204B input signals be
ac-coupled to the source. These capacitors must be 100 nF and
placed as close as possible to the transmitting logic device. To
minimize the impedance mismatch at the pads, select the
package size of the capacitor so that the pad size on the PCB
matches the trace width as closely as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com