Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9175 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9175 Datasheet HTML 45Page - Analog Devices AD9175 Datasheet HTML 46Page - Analog Devices AD9175 Datasheet HTML 47Page - Analog Devices AD9175 Datasheet HTML 48Page - Analog Devices AD9175 Datasheet HTML 49Page - Analog Devices AD9175 Datasheet HTML 50Page - Analog Devices AD9175 Datasheet HTML 51Page - Analog Devices AD9175 Datasheet HTML 52Page - Analog Devices AD9175 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 49 of 150
3.
It is recommended to enable all interrupts that are planned
to be used prior to bringing up the JESD204B link. When
the link is up, the interrupts can be reset and then used to
monitor the link status.
Monitoring Errors via SYNCOUTx±
When one or more disparity, NIT, or unexpected control
character errors occur, the error is reported on the SYNCOUTx±
pin as per Section 7.6 of the JESD204B specification. The
JESD204B specification states that the SYNCOUTx± signal is
asserted for exactly two frame periods when an error occurs. For
the AD9175, the width of the SYNCOUTx± pulse can be
programmed to ½, 1, or 2 PCLK cycles. The settings to achieve a
SYNCOUTx± pulse of two frame clock cycles are given in Table 32.
Table 32. Setting SYNCOUTx± Error Pulse Duration
1 These register settings assert the SYNCOUTx± signal for two frame clock
cycle pulse widths.
Unexpected Control Character, NIT, Disparity IRQs
For UEK character, NIT, and disparity errors, error count over
the threshold events are available as IRQ events. Enable these
events by writing to Register 0x4B8, Bits[7:5]. The IRQ event status
can be read at Register 0x4BA, Bits[7:5] after the IRQs are enabled.
See the Error Counter and IRQ Control section for information
on resetting the IRQ. See the Interrupt Request Operation
section for more information on IRQs.
Errors Requiring Reinitializing
A link reinitialization automatically occurs when four invalid
disparity characters or four NIT characters are received as per
Section 7.1 of the JESD204B specification. When a link
reinitialization occurs, the resync request is at least five frames
and nine octets long.
The user can optionally reinitialize the link when the error
count for disparity errors, NIT errors, or UEK character errors
reaches a programmable error threshold. The process to enable
the reinitialization feature for certain error types is as follows:
1.
Choose and enable which errors to monitor by selecting
them in Register 0x480, Bits[5:3] to Register 0x487,
Bits[5:3]. UEK, BDE, and NIT error monitoring can be
selected for each lane by writing a 1 to the appropriate bit,
as described in Table 33. These are enabled by default.
2.
Write a 0 to the corresponding bit to Register 0x480,
Bits[2:0] to Register 0x487, Bits[2:0] to take counter out of
reset.
3.
Enable the sync assertion mask for each type of error by
writing to SYNC_ASSERT_MASK (Register 0x47D,
Bits[2:0]) according to Table 33.
4.
Program the desired error counter threshold into
ERRORTHRES (Register 0x47C).
5.
For each error type enabled in the SYNC_ASSERT_MASK
register, if the error counter on any lane reaches the
programmed threshold, SYNCOUTx± falls, issuing a sync
request. All error counts are reset when a link reinitialization
occurs. The IRQ does not reset and must be reset manually.
Table 33. Sync Assertion Mask (SYNC_ASSERT_MASK)
Addr.
Bit No.
Bit Name
Description
0x47D
2
BDE
Set to 1 to assert SYNCOUTx±
if the disparity error count
reaches the threshold
1
NIT
Set to 1 to assert SYNCOUTx±
if the NIT error count reaches
the threshold
0
UEK
Set to 1 to assert SYNCOUTx±
if the UEK character error
count reaches the threshold
CGS, Frame Sync, Checksum, and ILAS Monitoring
Register 0x470 to Register 0x473 can be monitored to verify
that each stage of the JESD204B link establishment has
occurred.
Bit x of CODE_GRP_SYNC (Register 0x470) is high if Link
Lane x received at least four K28.5 characters and passed code
group synchronization.
Bit x of FRAME_SYNC (Register 0x471) is high if Link Lane x
completed initial frame synchronization.
Bit x of GOOD_CHECKSUM (Register 0x472) is high if the
checksum sent over the lane matches the sum of the JESD204B
parameters sent over the lane during ILAS for Link Lane x. The
parameters can be added either by summing the individual fields
in registers or summing the packed register. The calculated
checksums are the lower eight bits of the sum of the following
fields: DID, BID, LID, SCR, L − 1, F − 1, K − 1, M − 1, N − 1,
SUBCLASSV, NP − 1, JESDV, S − 1, and HD.
Bit x of INIT_LANE_SYNC (Register 0x473) is high if Link
Lane x passed the initial lane alignment sequence.
CGS, Frame Sync, Checksum, and ILAS IRQs
Fail signals for CGS, frame sync, checksum, and ILAS are available
as IRQ events. Enable them by writing to Register 0x4B8,
Bits[3:0]. The IRQ event status can be read at Register 0x4BA,
Bits[3:0] after the IRQs are enabled. Write a 1 to Register 0x4BA,
Bit 0 to reset the CGS IRQ. Write a 1 to Register 0x4BA, Bit 1 to
reset the frame sync IRQ. Write a 1 to Register 0x4BA, Bit 2 to
reset the checksum IRQ. Write a 1 to Register 0x4BA, Bit 3 to
reset the ILAS IRQ.
See the Interrupt Request Operation section for more
information.
F
PCLK Factor
(Frames/PCLK)
SYNC_ERR_DUR (Register 0x312,
Bits[7:4]) Setting1
1
4
0 (default)
2
2
1
3
1.5
2
4
1
2
8
0.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com