Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9175 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9175 Datasheet HTML 58Page - Analog Devices AD9175 Datasheet HTML 59Page - Analog Devices AD9175 Datasheet HTML 60Page - Analog Devices AD9175 Datasheet HTML 61Page - Analog Devices AD9175 Datasheet HTML 62Page - Analog Devices AD9175 Datasheet HTML 63Page - Analog Devices AD9175 Datasheet HTML 64Page - Analog Devices AD9175 Datasheet HTML 65Page - Analog Devices AD9175 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 62 of 150
Ramp-Up/Ramp-Down Gain Block
A ramp-up/ramp-down gain block is located at the output of
each main datapath and before the samples are routed to the
analog DAC core(s) for decoding. This block is an extension of
the PDP block, and together these blocks protect downstream
components from large signal peaks or sustained average power
that exceeds a user defined threshold.
Various trigger methods can be configured in the PA protection
block to trigger a gain ramp-down to mute the data being
transmitted out of the AD9175, as shown in Figure 78. The
ramp-up and ramp-down steps can be configured via the SPI in
Register 0x580, Bits[2:0]. The equation for the ramp-up and
ramp-down occurs in 32 steps over 2(CODE+8) DAC clock periods.
This control can be configured individually for each of the DAC
ramp blocks via the MAINDAC_PAGE control in Register 0x008.
After the data is ramped down due to a trigger event, it can be
ramped back up in two different ways, assuming the trigger event
(error) was cleared. If the SPI protection control bit triggered
the interrupt for a ramp-down, the data can be ramped-up by
toggling Register 0x582, Bit 7 from 0 to 1, and then back to 0.
Alternatively, an option exists to mute the digital data during a
digital clock rotation if the ROTATE_SOFT_OFF_EN control
in Register 0x581, Bit 2 is set to 1. When this bit is set, a
synchronization logic rotation triggers the ramp-up/ramp-down
block to ramp the output down, rotates the digital clocks, and
then ramps the output back up. These actions occur only if Bit 1
of the ROTATION_MODE control in Register 0x03B is set to 1
to enable a datapath clock rotation when the synchronization logic
rotates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com